전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF8576CU/10 데이터시트(PDF) 30 Page - NXP Semiconductors

부품명 PCF8576CU/10
상세설명  Universal LCD driver for low multiplex rates
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576CU/10 데이터시트(HTML) 30 Page - NXP Semiconductors

Back Button PCF8576CU/10 Datasheet HTML 26Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 27Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 28Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 29Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 30Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 31Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 32Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 33Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
PCF8576C_9
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 09 — 9 July 2009
30 of 56
NXP Semiconductors
PCF8576C
Universal LCD driver for low multiplex rates
11. Static characteristics
[1]
VLCD ≤ VDD − 3 V for 1⁄3 bias.
[2]
LCD outputs are open-circuit; inputs at VSS or VDD; external clock with 50 % duty factor; I2C-bus inactive.
[3]
Resets all logic when VDD < VPOR.
[4]
Periodically sampled, not 100 % tested.
[5]
Outputs measured one at a time.
Table 19.
Static characteristics
VDD = 2.0 V to 6.0 V; VSS = 0 V; VLCD = VDD − 6.0 V; Tamb = −40 °C to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDD
supply voltage
2.0
-
6.0
V
VLCD
LCD supply voltage
[1] VDD − 6.0
-
VDD − 2.0 V
IDD
supply current:
fclk = 200 kHz
[2] -
-
120
µA
IDD(lp)
low-power mode supply
current
VDD = 3.5 V; VLCD =0V; fclk = 35 kHz;
A0, A1 and A2 connected to VSS
--
60
µA
Logic
VIL
LOW-level input voltage
on pins CLK, SYNC, OSC,
A0 to A2 and SA0
VSS
-
0.3VDD
V
VIH
HIGH-level input voltage
on pins CLK, SYNC, OSC,
A0 to A2 and SA0
0.7VDD
-VDD
V
VOL
LOW-level output voltage
IOL = 0 mA
-
-
0.05
V
VOH
HIGH-level output voltage
IOH = 0 mA
VDD − 0.05 -
-
V
IOL
LOW-level output current
VOL = 1.0 V; VDD = 5.0 V;
on pins CLK and SYNC
1-
-
mA
IL
leakage current
VI =VDD or VSS; on pins
CLK, SCL, SDA, A0 to A2 and SA0
−1-
+1
µA
IL(OSC)
leakage current on pin OSC
VI =VDD
−1-
+1
µA
Ipd
pull-down current
VI = 1.0 V; VDD = 5.0 V;
on pins A0 to A2 and OSC
15
50
150
µA
RSYNC_N
SYNC resistance
20
50
150
k
Ω
VPOR
power-on reset voltage
[3] -
1.0
1.6
V
CI
input capacitance
[4] --
7
pF
I2C-bus; pins SDA and SCL
VIL
LOW-level input voltage
VSS
-
0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
-
6.0
V
IOH(CLK)
HIGH-level output current on
pin CLK
VOH = 4.0 V; VDD = 5.0 V
−1-
-
mA
IOL(SDA)
LOW-level output current on
pin SDA
VOL = 0.4 V; VDD = 5.0 V
3
-
-
mA
LCD outputs
VBP
voltage on pin BP
Cbpl = 35 nF; on pins BP0 to BP3
−20
-
+20
mV
VS
voltage on pin S
Csgm = 5 nF; on pins S0 to S39
−20
-
+20
mV
RBP
resistance on pin BP
VLCD =VDD − 5 V; on pins BP0 to BP3 [5] --
5
k
Ω
RS
resistance on pin S
VLCD =VDD − 5 V; on pins S0 to S39
[5] -
-
7.5
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com