| 전자부품 데이터시트 검색엔진 |
|
ATmega64A 데이터시트(PDF) 115 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega64A 데이터시트(HTML) 115 Page - ATMEL Corporation |
|
115 / 392 page ![]() 115 8160C–AVR–07/09 ATmega64A It is important to notice that accessing 16-bit registers are atomic operations. If an interrupt occurs between the two instructions accessing the 16-bit register, and the interrupt code updates the temporary register by accessing the same or any other of the 16-bit timer registers, then the result of the access outside the interrupt will be corrupted. Therefore, when both the main code and the interrupt code update the temporary register, the main code must disable the interrupts during the 16-bit access. The following code examples show how to do an atomic read of the TCNTn Register contents. Reading any of the OCRnA/B/C or ICRn Registers can be done by using the same principle. Note: 1. See “About Code Examples” on page 8. The assembly code example returns the TCNTn value in the r17:r16 register pair. Assembly Code Example (1) TIM16_ReadTCNT n: ; Save global interrupt flag in r18,SREG ; Disable interrupts cli ; Read TCNT n into r17:r16 in r16,TCNT nL in r17,TCNT nH ; Restore global interrupt flag out SREG,r18 ret C Code Example(1) unsigned int TIM16_ReadTCNT n( void ) { unsigned char sreg; unsigned int i; /* Save global interrupt flag */ sreg = SREG; /* Disable interrupts */ _CLI(); /* Read TCNT n into i */ i = TCNT n; /* Restore global interrupt flag */ SREG = sreg; return i; } |