전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS3525 데이터시트(PDF) 166 Page - ams AG

부품명 AS3525
상세설명  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS3525 데이터시트(HTML) 166 Page - ams AG

Back Button AS3525 Datasheet HTML 162Page - ams AG AS3525 Datasheet HTML 163Page - ams AG AS3525 Datasheet HTML 164Page - ams AG AS3525 Datasheet HTML 165Page - ams AG AS3525 Datasheet HTML 166Page - ams AG AS3525 Datasheet HTML 167Page - ams AG AS3525 Datasheet HTML 168Page - ams AG AS3525 Datasheet HTML 169Page - ams AG AS3525 Datasheet HTML 170Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
166
- 194
Table 156 ADC_1 Register
Name
Base
Default
ADC_1
I2C audio master
xxxx xxxx
Second 10-bit ADC Register
Offset: 0x2F
This register is not reset.
Bit
Bit Name
Default
Access
Bit Description
7:0
ADC<7:0>
xxxx xxxx
R/W
ADC result bit 7 to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More