| 전자부품 데이터시트 검색엔진 |
|
AS3525 데이터시트(PDF) 167 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3525 데이터시트(HTML) 167 Page - ams AG |
|
167 / 194 page ![]() AS3525-A/-B C22O22 Data Sheet, Confidential © 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved. www.austriamicrosystems.com Revision 1.13 167 - 194 7.4.21 128 bit OTP ROM 7.4.21.1 General This fuse array is used to store a unique identification number, which can be used for DRM issues. The number is generated and programmed during the production process. 7.4.21.2 Register Description Table 157 UID_0 to UID_15 Register Name Base Default UID_0 to UID_15 I2C audio master n/a Unique ID Register Offset: 0x30 to 0x3F This register is read only and is not reset. Adr. Byte Name Default Access Bit Description 0x30 UID_0 0x00 R Unique ID byte 0 0x31 UID_1 0x00 R Unique ID byte 1 0x32 UID_2 0x00 R Unique ID byte 2 0x33 UID_3 0x00 R Unique ID byte 3 0x34 UID_4 0x00 R Unique ID byte 4 0x35 UID_5 0x00 R Unique ID byte 5 0x36 UID_6 0x00 R Unique ID byte 6 0x37 UID_7 0x00 R Unique ID byte 7 0x38 UID_8 n/a R Unique ID byte 8 0x39 UID_9 n/a R Unique ID byte 9 0x3A UID_10 n/a R Unique ID byte 10 0x3B UID_11 n/a R Unique ID byte 11 0x3C UID_12 n/a R Unique ID byte 12 0x3D UID_13 n/a R Unique ID byte 13 0x3E UID_14 n/a R Unique ID byte 14 0x3F UID_15 n/a R Unique ID byte 15 |