전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9961-EBZ 데이터시트(PDF) 37 Page - Analog Devices

부품명 AD9961-EBZ
상세설명  10-/12-Bit, Low Power, Broadband MxFE
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9961-EBZ 데이터시트(HTML) 37 Page - Analog Devices

Back Button AD9961-EBZ Datasheet HTML 33Page - Analog Devices AD9961-EBZ Datasheet HTML 34Page - Analog Devices AD9961-EBZ Datasheet HTML 35Page - Analog Devices AD9961-EBZ Datasheet HTML 36Page - Analog Devices AD9961-EBZ Datasheet HTML 37Page - Analog Devices AD9961-EBZ Datasheet HTML 38Page - Analog Devices AD9961-EBZ Datasheet HTML 39Page - Analog Devices AD9961-EBZ Datasheet HTML 40Page - Analog Devices AD9961-EBZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
AD9961/AD9963
Rev. 0 | Page 37 of 60
–80
–70
–60
–50
–40
–30
–20
–10
0
NORMALIZED FREQUENCY (Relative to fDAC)
Figure 46. Pass-Band Response of the Rx Path Decimation Filter
The filter coefficients of the 2× decimation low-pass are shown
in Table 16.
Table 16.
Lower Coefficient
Upper Coefficient
Value
H(1)
H(43)
12
H(3)
H(41)
−32
H(5)
H(39)
72
H(7)
H(37)
−140
H(9)
H(35)
252
H(11)
H(33)
−422
H(13)
H(31)
682
H(15)
H(29)
−1086
H(17)
H(27)
1778
H(19)
H(25)
−3284
H(21)
H(23)
10364
H(22)
16384
ADC Digital Offset Adjustment
The Rx paths also have individual digital offsets that can be
applied to the data captured by the ADCs. The offset is a 6-bit
digital value that is added directly to the LSBs of the ADC
output data. The offset values are configured by first addressing
the ADC by setting the appropriate address in Register 0x05,
then writing the desired offset (in LSBs) into Register 0x10. For
example, to set offsets of +6 and −2 to the I and Q channels
respectively, the register write sequence is:
1. Write 0x01 into Register 0x05. This addresses the I channel
ADC.
2. Write 0x06 into Register 0x10. This sets the IADC_Offset
value to +6 LSBs.
3. Write 0x02 into Register 0x05. This addresses the Q
channel ADC.
4. Write 0xFE into Register 0x10. This sets the QADC_Offset
value to −2 LSBs.
5. Write 0x01 into Register 0xFF. This updates the data path
registers and applies the offset to the data.
6. Write 0x00 into Register 0x05. This returns the SPI to the
normal addressing mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com