전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M48T129V 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 M48T129V
상세설명  5.0 or 3.3 V, 1 Mbit (128 Kbit x 8) TIMEKEEPER짰 SRAM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T129V 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button M48T129V Datasheet HTML 3Page - STMicroelectronics M48T129V Datasheet HTML 4Page - STMicroelectronics M48T129V Datasheet HTML 5Page - STMicroelectronics M48T129V Datasheet HTML 6Page - STMicroelectronics M48T129V Datasheet HTML 7Page - STMicroelectronics M48T129V Datasheet HTML 8Page - STMicroelectronics M48T129V Datasheet HTML 9Page - STMicroelectronics M48T129V Datasheet HTML 10Page - STMicroelectronics M48T129V Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
M48T129V, M48T129Y
Operating modes
Doc ID 5710 Rev 4
7/28
2
Operating modes
Figure 3 on page 6 illustrates the static memory array and the quartz controlled clock
oscillator. The clock locations contain the century, year, month, date, day, hour, minute, and
second in 24-hour BCD format. Corrections for 28, 29 (leap year - valid until 2100), 30, and
31 day months are made automatically. The nine clock bytes (1FFFFh-1FFF9h and 1FFF1h)
are not the actual clock counters, they are memory locations consisting of BiPORT™
READ/WRITE memory cells within the static RAM array.
The M48T129Y/V includes a clock control circuit which updates the clock bytes with current
information once per second. The information can be accessed by the user in the same
manner as any other location in the static memory array. Byte 1FFF8h is the clock control
register. This byte controls user access to the clock information and also stores the clock
calibration setting.
Byte 1FFF7h contains the watchdog timer setting. The watchdog timer can generate either a
reset or an interrupt, depending on the state of the watchdog steering bit (WDS). Bytes
1FFF6h-1FFF2h include bits that, when programmed, provide for clock alarm functionality.
Alarms are activated when the register content matches the month, date, hours, minutes,
and seconds of the clock registers. Byte 1FFF1h contains century information. Byte 1FFF0h
contains additional flag information pertaining to the watchdog timer, the alarm condition
and the battery status. The M48T129Y/V also has its own power-fail detect circuit. This
control circuitry constantly monitors the supply voltage for an out of tolerance condition.
When VCC is out of tolerance, the circuit write protects the TIMEKEEPER
® register data and
external SRAM, providing data security in the midst of unpredictable system operation. As
VCC falls below battery backup switchover voltage (VSO), the control circuitry automatically
switches to the battery, maintaining data and clock operation until valid power is restored.
Table 2.
Operating modes
Note:
X = VIH or VIL; VSO = battery backup switchover voltage.
Mode
VCC
EG
W
DQ0-
DQ7
Power
Deselect
4.5 to 5.5V
or
3.0 to 3.6V
VIH
X
X
High Z
Standby
WRITE
VIL
XVIL
DIN
Active
READ
VIL
VIL
VIH
DOUT
Active
READ
VIL
VIH
VIH
High Z
Active
Deselect
VSO to VPFD (min)
(1)
1.
See Table 12 on page 23 for details.
X
X
X
High Z
CMOS standby
Deselect
≤ VSO(1)
X
X
X
High Z
Battery backup mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com