전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M48T129V 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 M48T129V
상세설명  5.0 or 3.3 V, 1 Mbit (128 Kbit x 8) TIMEKEEPER짰 SRAM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T129V 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button M48T129V Datasheet HTML 12Page - STMicroelectronics M48T129V Datasheet HTML 13Page - STMicroelectronics M48T129V Datasheet HTML 14Page - STMicroelectronics M48T129V Datasheet HTML 15Page - STMicroelectronics M48T129V Datasheet HTML 16Page - STMicroelectronics M48T129V Datasheet HTML 17Page - STMicroelectronics M48T129V Datasheet HTML 18Page - STMicroelectronics M48T129V Datasheet HTML 19Page - STMicroelectronics M48T129V Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Clock operations
M48T129V, M48T129Y
16/28
Doc ID 5710 Rev 4
3.6
Setting the alarm clock
Registers 1FFF6h-1FFF2h contain the alarm settings. The alarm can be configured to go off
at a prescribed time on a specific month, date, hour, minute, or second or repeat every
month, day, hour, minute, or second. It can also be programmed to go off while the
M48T129Y/V is in the battery back-up to serve as a system wake-up call.
Bits RPT5-RPT1 put the alarm in the repeat mode of operation. Table 6 on page 16 shows
the possible configurations. Codes not listed in the table default to the once per second
mode to quickly alert the user of an incorrect alarm setting.
Note:
User must transition address (or toggle chip enable) to see flag bit change.
When the clock information matches the alarm clock settings based on the match criteria
defined by RPT5-RPT1, the AF (alarm flag) is set. If AFE (alarm flag enable) is also set, the
alarm condition activates the IRQ/FT pin. To disable alarm, write ’0’ to the alarm date
register and RPT1-5. The IRQ/FT output is cleared by a READ to the flags register as
shown in Figure 10 A subsequent READ of the flags register is necessary to see that the
value of the alarm flag has been reset to '0.'
The IRQ/FT pin can also be activated in the battery back-up mode. The IRQ/FT will go low if
an alarm occurs and both ABE (alarm in battery backup mode enable) and AFE are set. The
ABE and AFE bits are reset during power-up, therefore an alarm generated during power-up
will only set AF. The user can read the flag register at system boot-up to determine if an
alarm was generated while the M48T129Y/V was in the deselect mode during power-up.
Figure 11 on page 17 illustrates the backup mode alarm timing.
Figure 10.
Alarm interrupt reset waveform
Table 6.
Alarm repeat mode
RPT5
RPT4
RPT3
RPT2
RPT1
Alarm activated
1
1
1
1
1
Once per second
11
110
Once per minute
1
1
1
0
0
Once per hour
11
000
Once per day
10
000
Once per month
00
000
Once per year
AI02581
AD0-AD7
ACTIVE FLAG BIT
ADDRESS 1FF0h
IRQ/FT
HIGH-Z
15ns Min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com