전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M48T129V 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 M48T129V
상세설명  5.0 or 3.3 V, 1 Mbit (128 Kbit x 8) TIMEKEEPER짰 SRAM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T129V 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button M48T129V Datasheet HTML 8Page - STMicroelectronics M48T129V Datasheet HTML 9Page - STMicroelectronics M48T129V Datasheet HTML 10Page - STMicroelectronics M48T129V Datasheet HTML 11Page - STMicroelectronics M48T129V Datasheet HTML 12Page - STMicroelectronics M48T129V Datasheet HTML 13Page - STMicroelectronics M48T129V Datasheet HTML 14Page - STMicroelectronics M48T129V Datasheet HTML 15Page - STMicroelectronics M48T129V Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Clock operations
M48T129V, M48T129Y
12/28
Doc ID 5710 Rev 4
3
Clock operations
3.1
TIMEKEEPER® registers
The M48T129Y/V offers 16 internal registers which contain TIMEKEEPER®, alarm,
watchdog, interrupt, flag, and control data. These registers are memory locations which
contain external (user accessible) and internal copies of the data (usually referred to as
BiPORT™ TIMEKEEPER cells). The external copies are independent of internal functions
except that they are updated periodically by the simultaneous transfer of the incremented
internal copy. TIMEKEEPER® and alarm registers store data in BCD.
3.2
Reading the clock
Updates to the TIMEKEEPER® registers should be halted before clock data is read to
prevent reading data in transition. The BiPORT™ TIMEKEEPER cells in the RAM array are
only data registers and not the actual clock counters, so updating the registers can be halted
without disturbing the clock itself.
Updating is halted when a '1' is written to the READ bit, D6 in the control register (1FFF8h).
As long as a '1' remains in that position, updating is halted. After a halt is issued, the
registers reflect the count; that is, the day, date, and time that were current at the moment
the halt command was issued. All of the TIMEKEEPER® registers are updated
simultaneously. A halt will not interrupt an update in progress. Updating occurs 1 second
after the READ bit is reset to a '0.'
3.3
Setting the clock
Bit D7 of the control register (1FFF8h) is the WRITE bit. Setting the WRITE bit to a '1,' like
the READ bit, halts updates to the TIMEKEEPER® registers. The user can then load them
with the correct day, date, and time data in 24-hour BCD format (see Table 5 on page 13).
Resetting the WRITE bit to a '0' then transfers the values of all time registers (1FFFFh-
1FFF9h, 1FFF1h) to the actual TIMEKEEPER® counters and allows normal operation to
resume. After the WRITE bit is reset, the next clock update will occur approximately one
second later.
Note:
Upon power-up following a power failure, both the WRITE bit and the READ bit will be reset
to '0.'
3.4
Stopping and starting the oscillator
The oscillator may be stopped at any time. If the device is going to spend a significant
amount of time on the shelf, the oscillator can be turned off to minimize current drain on the
battery. The STOP bit is located at bit D7 within 1FFF9h. Setting it to a '1' stops the
oscillator. When reset to a '0', the M48T129Y/V oscillator starts within one second.
Note:
It is not necessary to set the WRITE bit when setting or resetting the FREQUENCY TEST
bit (FT) or the STOP bit (ST).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com