전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PA162 데이터시트(PDF) 2 Page - Cirrus Logic

부품명 PA162
상세설명  Power Operational Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APEX [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA162 데이터시트(HTML) 2 Page - Cirrus Logic

  PA162_10 Datasheet HTML 1Page - Cirrus Logic PA162_10 Datasheet HTML 2Page - Cirrus Logic PA162_10 Datasheet HTML 3Page - Cirrus Logic PA162_10 Datasheet HTML 4Page - Cirrus Logic PA162_10 Datasheet HTML 5Page - Cirrus Logic PA162_10 Datasheet HTML 6Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PA162
2
PA162U
P r o d u c t I n n o v a t i o n F r o m
Parameter
TestConditions2,3
Min
Typ
Max
Units
INPUT
OFFSET VOLTAGE, initial
1
15
mV
OFFSET VOLTAGE, vs. temperature Full temp range
20
µV/°C
BIAS CURRENT, initial
100
500
nA
COMMON MODE RANGE
Full temp range
-Vs
+Vs
V
COMMON MODE REJECTION, DC
60
90
dB
POWER SUPPLY REJECTION
Full temp range
60
90
dB
CHANNEL SEPARATION
I
OUT = 500mA, ƒ = 1kHz
50
68
dB
INPUT NOISE VOLTAGE
R
S = 100Ω, ƒ = 1 to 100kHz
22
nV/√Hz
GAIN
OPEN LOOP GAIN
V
O = ±10V, RL = 2.0KΩ
89
100
dB
GAIN BANDWIDTH PRODUCT
ƒ = 100kHz, C
L = 100pF, RL = 2.0KΩ
0.9
1.4
MHz
PHASE MARGIN
Full temp range
65
°C
POWER BANDWIDTH
V
O(P-P) = 28V
13.6
kHz
OUTPUT
CURRENT, peak
1.5
A
CURRENT, continuous
1
A
SLEW RATE
1.0
1.4
V/µS
VOLTAGE SWING
Full temp range, I
O = 100mA
|Vs| -1.1
|Vs| -0.8
V
VOLTAGE SWING
Full temp range, I
O = 1A
|Vs| -1.8
|Vs| -1.4
V
HARMONIC DISTORTION
A
V = 1, RL = 50Ω,
V
O = .5VRMS, ƒ = 1kHz
.02
%
Parameter
Symbol
Min
Max
Units
SUPPLY VOLTAGE, total
5
40
V
OUTPUT CURRENT
SOA
POWER DISSIPATION, internal (1 amplifier)
15
W
POWER DISSIPATION, internal (2 amplifiers)5
24
W
POWER DISSIPATION, internal (3 amplifiers)5
36
W
POWER DISSIPATION, internal (4 amplifiers)5
45
W
INPUT VOLTAGE, differential
-Vs
+Vs
INPUT VOLTAGE, common mode
+Vs
-Vs-.5V
JUNCTION TEMPERATURE, max2
150
°C
TEMPERATURE, pin solder - 10 secs max.
220
°C
TEMP RANGE STORAGE
-55
150
°C
OPERATING TEMP RANGE, case2
-40
125
°C
1.CHARACTERISTICSANDSPECIFICATIONS
ABSOLUTEMAXIMUMRATINGS
SPECIFICATIONS(PERAMPLIFIER)



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com