전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PA162 데이터시트(PDF) 3 Page - Cirrus Logic

부품명 PA162
상세설명  Power Operational Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APEX [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA162 데이터시트(HTML) 3 Page - Cirrus Logic

  PA162_10 Datasheet HTML 1Page - Cirrus Logic PA162_10 Datasheet HTML 2Page - Cirrus Logic PA162_10 Datasheet HTML 3Page - Cirrus Logic PA162_10 Datasheet HTML 4Page - Cirrus Logic PA162_10 Datasheet HTML 5Page - Cirrus Logic PA162_10 Datasheet HTML 6Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PA162
PA162U
3
P r o d u c t I n n o v a t i o n F r o m
Parameter
TestConditions2,3
Min
Typ
Max
Units
POWERSUPPLY
VOLTAGE, Vss4
5
30
40
V
CURRENT, quiescent +Vs (A/B)
8
10
mA
CURRENT, quiescent +Vs (C/D)
8
10
mA
CURRENT, quiescent total
16
20
mA
THERMAL
RESISTANCE, junction to case
DC, 1 amplifier
7.16
7.87
°C/W
DC, 2 amplifiers5
4.69
5.16
°C/W
DC, 3 amplifiers5
3.08
3.39
°C/W
DC, 4 amplifiers5
2.51
2.77
°C/W
AC, 1 amplifier
5.37
5.90
°C/W
AC, 2 amplifiers5
3.52
3.87
°C/W
AC, 3 amplifiers5
2.31
2.54
°C/W
AC, 4 amplifiers5
1.89
2.07
°C/W
RESISTANCE, junction to air7
25
°C/W
NOTES:
1. (All Min/Max characteristics and specifications are guaranteed over the Specified Operating Condi-
tions. Typical performance characteristics and specifications are derived from measurements taken
at typical supply voltages and T
C = 25°C).
2. Long term operation at the maximum junction temperature will result in reduced product life. Derate
power dissipation to achieve high MTTF.
3. Unless otherwise noted, the following conditions apply: ±V
S = ±15V, T C =25°C.
4. +V
S and -VS denote the positive and negative rail respectively. VSS denotes total rail-to-rail supply.
5. Rating applies when power dissipation is equal in each of the amplifiers. Power and thermal ratings
are based on two separate dual monolithic power op-amps on one integrated copper heatslug.
Amplifiers A and B are combined on one monolithic die while amplifiers C and D are on the other.
6. If -V
S is disconnected before +VS, a diode between -Vs and ground is recommended to avoid dam-
age.
7. Rating applies when the heatslug of the DK package is soldered to a minimum of 1 square inch foil
area of a printed circuit board.
20-pinPSOP
PACKAGESTYLEDK
NC
-IN(A)
+IN(A)
+IN(B)
-IN(B)
-IN(C)
+IN(C)
+IN(D)
-IN(D)
NC
-VS
OUT(A)
+VS(A/B)
OUT(B)
-VS
-VS
OUT(C)
+VS(C/D)
OUT(D)
-VS
A
1
10
20
11
B
-
+
+
-
C
D
FIGURE2.EXTERNALCONNECTIONS.



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com