전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PA162 데이터시트(PDF) 4 Page - Cirrus Logic

부품명 PA162
상세설명  Power Operational Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APEX [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA162 데이터시트(HTML) 4 Page - Cirrus Logic

  PA162_10 Datasheet HTML 1Page - Cirrus Logic PA162_10 Datasheet HTML 2Page - Cirrus Logic PA162_10 Datasheet HTML 3Page - Cirrus Logic PA162_10 Datasheet HTML 4Page - Cirrus Logic PA162_10 Datasheet HTML 5Page - Cirrus Logic PA162_10 Datasheet HTML 6Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PA162
4
PA162U
P r o d u c t I n n o v a t i o n F r o m
-40
0
40
80
120
45
55
65
75
CASE TEMPERATURE, T
C (°C)
BIAS CURRENT
-40
0
40
80
120
0
1
2
3
CASE TEMPERATURE, T
C (°C)
VOS
00
04
08
12
16
35
45
55
65
OUTPUT LOAD CAPACITANCE, C
L (nF)
PHASE MARGIN vs. OUTPUT LOAD CAPACITANCE
20
25
0
-20
20
40
60
1
10
100
1K
10K
90
100
110
120
130
VOLTAGE GAIN & PHASE vs. FREQUENCY
FREQUENCY, ƒ (KHz)
PULSE RESPONSE
TIME, t (µs)
0
10
20
30
40
50
-4
8
4
0
-8
-2
10
6
2
-6
-10
60
70
+V
S = +15V
A
V = +1
V
IN = 10Vp
-V
S = -15V
R
L = 20
f
IN = 20kHz
PULSE RESPONSE
TIME, t (µs)
0
200 400 600 800 1000
0
1200 1400
+V
S = +15V
A
V = +1
V
IN = 10Vp
-V
S = -15V
f
IN = 1kHz
QUIESCENT CURRENT
2
4
6
8
10
AVERAGE QUIESCENT CURRENT, I
Q (mA)
20
16
12
0
4
8
-80
-40
0
40
80
120
OUTPUT VOLTAGE SWING
OUTPUT CURRENT, I
O (A)
0.1 0.2 0.3 0.4 0.5 0.6
0.6
1.8
1.4
1
0.2
0.8
2
1.6
1.2
0.4
0
0.7
1.0
0.9
0.8
-4
8
4
-8
-2
10
6
2
-6
-10
TYPICALAPPLICATION
R1 and R2 set up Amplifier A as non-inverting. Ampli-
fier B is set up as a unity gain inverter driven from the
output of Amplifier A. Note that Amplifier B inverts the
signals about the reference node, which is set at mid-
supply by R5 and R6. When the command input is
midrange, so is the output of Amplifier A. Since this is
also equivalent to the reference node voltage, the out-
put of Amplifier B is the same resulting in 0V across
the motor. Inputs more positive than 5V result in motor
current flow from left to right (see Figure 3). Inputs less
than 5V drive the motor in the opposite direction.
INPUT
0-10V
A
M
B
R2
R3
R4
R5
R6
R1
1/4 PA162
1/4 PA162
+28V
+
_
+
_
FIGURE3.BI-DIRECTIONALSPEEDCONTROL
FROMASINGLESUPPLY.
TYPICALPERFORMANCEGRAPHS



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com