전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PA162 데이터시트(PDF) 1 Page - Cirrus Logic

부품명 PA162
상세설명  Power Operational Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APEX [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA162 데이터시트(HTML) 1 Page - Cirrus Logic

  PA162_10 Datasheet HTML 1Page - Cirrus Logic PA162_10 Datasheet HTML 2Page - Cirrus Logic PA162_10 Datasheet HTML 3Page - Cirrus Logic PA162_10 Datasheet HTML 4Page - Cirrus Logic PA162_10 Datasheet HTML 5Page - Cirrus Logic PA162_10 Datasheet HTML 6Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PA162
PA162U
1
P r o d u c t I n n o v a t i o n F r o m
PA162
FEATURES
♦ LOW COST
♦ WIDE BANDWIDTH - 1.1 Mhz
♦ HIGH OUTPUT CURRENT - 1.5A PER AMPLIFIER
♦ WIDE COMMON MODE RANGE Includes negative
supply
♦ WIDE SUPPLY VOLTAGE RANGE Single supply:
5V to 40V Split supplies: ± 2.5V to ± 20V
♦ LOW QUIESCENT CURRENT
♦ VERY LOW DISTORTION
APPLICATIONS
♦ HALF AND FULL BRIDGE MOTOR DRIVERS
♦ AUDIO POWER AMPLIFIER
Stereo - 11.3W RMS per amplifier
Bridge - 22.6W RMS per two amplifiers
Two Bridges - 45.2W RMS per package
♦ 3 PHASE MOTOR DRIVER
3 Channels - 33.9W RMS per package
♦ IDEAL FOR SINGLE SUPPLY SYSTEMS
5V - Peripherals
12V - Automotive
28V - Avionic
♦ PACKAGING OPTIONS
20-Pin PSOP, JEDEC MO-166-AB (PA162DK)
DESCRIPTION
The amplifier design is a dual power op amp on a
single monolithic die. The quad output PA162 com-
bines two dual op amp die in a single PSOP pack-
age. This approach provides a cost-effective solu-
tion to applications where multiple amplifiers are
required or a bridge configuration is needed. Four
independent amplifiers coupled with low quiescent
current and very low THD makes this an ideal low-
distortion 4-channel audio amplifier for applications
such as laptops and computer speakers.
The quad output PA162DK is available in a surface
mount 20-pin PSOP, JEDEC MO-166-AB package.
Built-in thermal shutdown allows the devices to self-
protect against thermal overloads. Care must be ex-
ercised to observe the Safe Operating Area (SOA)
curve and proper heatsinking will ensure maximum
reliability.
The wide common mode input range includes the
negative rail, facilitating single supply applications.
This makes it possible to have a ground-based input
driving a single supply amplifier with ground acting
as the second or bottom supply of the amplifier.
Power Operational Amplifiers
PA162
P r o d u c t I n n o v a t i o n F r o m
OUT
+Vs
-IN
+IN
-Vs
I BIAS
MONITOR
THERMAL
PROTECT
FIGURE 1. Equivalent schematic (one channel)
Copyright © Cirrus Logic, Inc. 2009
(All Rights Reserved)
www.cirrus.com
AUG2010
APEX-PA162UREVC


유사한 부품 번호 - PA162_10

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
PA162 CIRRUS-PA162_09 Datasheet
216Kb / 6P
Power Operational Amplifiers
More results

유사한 설명 - PA162_10

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM759 NSC-LM759 Datasheet
207Kb / 14P
Power Operational Amplifiers
logo
Cirrus Logic
PA02 APEX-PA02 Datasheet
262Kb / 4P
POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA34 ETC-PA34 Datasheet
66Kb / 5P
POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
UA759 FAIRCHILD-UA759 Datasheet
489Kb / 12P
POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA79 APEX-PA79 Datasheet
310Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA61 CIRRUS-PA61 Datasheet
340Kb / 5P
POWER OPERATIONAL AMPLIFIERS
PA84 CIRRUS-PA84 Datasheet
210Kb / 5P
Power Operational Amplifiers
PA16 CIRRUS-PA16_09 Datasheet
349Kb / 7P
Power Operational Amplifiers
PA97DR_0912 CIRRUS-PA97DR_0912 Datasheet
582Kb / 6P
Power Operational Amplifiers
PA107DP CIRRUS-PA107DP_10 Datasheet
892Kb / 7P
Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com