전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PA162 데이터시트(PDF) 5 Page - Cirrus Logic

부품명 PA162
상세설명  Power Operational Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APEX [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA162 데이터시트(HTML) 5 Page - Cirrus Logic

  PA162_10 Datasheet HTML 1Page - Cirrus Logic PA162_10 Datasheet HTML 2Page - Cirrus Logic PA162_10 Datasheet HTML 3Page - Cirrus Logic PA162_10 Datasheet HTML 4Page - Cirrus Logic PA162_10 Datasheet HTML 5Page - Cirrus Logic PA162_10 Datasheet HTML 6Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PA162
PA162U
5
P r o d u c t I n n o v a t i o n F r o m
TYPICALAPPLICATION(CONT)
The amplifiers are especially well-suited for applications
such as this. The extended common mode range allows
command inputs as low as 0V. The output swing lets
it drive within 2V of the supply at an output of 1A. This
means that a command input that ranges from 0 to 10V
will drive a 24V motor from full scale CCW to full scale
CW at ±1A.
-Vs (pins 11, 15, 16 and 20) must be tied to the heatslug
externally on the PCB. To ease metal routing on the PCB,
run a direct trace from the -Vs pin to the center heat slug.
The PA162 can be used in a three amplifier configuration
for a three phase inverter or motor as shown in Figure 4.
GENERAL
Please read Application Note 1 "General Operating Con-
siderations" which covers stability, supplies, heatsinking,
mounting, SOA interpretation, and specification interpre-
tation. Visit www.cirrus.com for design tools that help automate tasks such as calculations for stability, internal
power dissipation, heatsink selection; Apex Precision Power's complete Application Notes library; Technical Semi-
nar Workbook; and Evaluation Kits.
STABILITYCONSIDERATIONS
All monolithic power op amps use output stage topologies that present special sta-
bility problems. This is primarily due to non-complementary (both devices are NPN)
output stages with a mismatch in gain and phase response for different polarities of
output current. It is difficult for the op amp manufacturer to optimize compensation
for all operating conditions. For applications with load current exceeding 300mA,
oscillation may appear. The oscillation may occur only with the output voltage swing
at the negative or positive half cycle. Under most operating and load conditions
acceptable stability can be achieved by providing a series RC snubber network
connected from the output to ground (see Figure 5). The recommended component
values of the network are, R
SN = 10Ω and CSN = 0.01µF. Please refer to Application
Note 1 for further details.
SAFEOPERATINGAREA(SOA)
The SOA curves combine the effect of all limits for this
power op amp. For a given application, the direction and
magnitude of the output current should be calculated or
measured and checked against the SOA curves. This is
simple for resistive loads but more complex for reactive
and EMF generating loads. The following guidelines may
save extensive analytical efforts.
SUPPLY TO OUTPUT DIFFERENTIAL VOLTAGE, V
S - VO (V)
SOA
4 AMPLIFIERS LOADED
1 AMPLIFIER LOADED
2 AMPLIFIERS LOADED
3 AMPLIFIERS LOADED
DC, T
C = 25°C
DC, T
C = 85°C
1
50
10
0.1
10
1
N
o
S
PA162
Quad
Using 3 amplifiers from PA162
as 3 phase motor driver.
FIGURE4.3PhaseInverter
+
C
SN
0.01µF
R
SN
10Ω
FIGURE5.R-CSnubber



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com