| 전자부품 데이터시트 검색엔진 |
|
MPC8306EC 데이터시트(PDF) 57 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8306EC 데이터시트(HTML) 57 Page - Freescale Semiconductor, Inc |
|
57 / 76 page ![]() MPC8306 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 0 Freescale Semiconductor 57 Package and Pin Listings FEC1_RXD3/GPIO[24] AB17 IO OVDD — FEC1_TX_CLK/GTM1_TIN4/GPIO[25] Y15 IO OVDD — FEC1_TX_EN/GTM1_TGATE[4]_B/GPIO[26] Y16 IO OVDD — FEC1_TX_ER/GTM1_TOUT[4]_B/GPIO[27] AC17 IO OVDD — FEC1_TXD0/GTM1_TOUT[1]_B/GPIO[28] AB16 IO OVDD — FEC1_TXD1/GTM1_TOUT[2]_B/GPIO[29] AC16 IO OVDD — FEC1_TXD2/GTM1_TOUT[3]_B/GPIO[30] AC15 IO OVDD — FEC1_TXD3/GPIO[31] AB14 IO OVDD — FEC2/GPIO FEC2_COL/GPIO[32] AC14 IO OVDD — FEC2_CRS/GPIO[33] AB13 IO OVDD — FEC2_RX_CLK/GPIO[34] Y14 IO OVDD — FEC2_RX_DV/GPIO[35] AC13 IO OVDD — FEC2_RX_ER/GPIO[36] Y13 IO OVDD — FEC2_RXD0/GPIO[37] AC12 IO OVDD — FEC2_RXD1/GPIO[38] AB11 IO OVDD — FEC2_RXD2/GPIO[39] AC11 IO OVDD — FEC2_RXD3/GPIO[40] AB10 IO OVDD — FEC2_TX_CLK/GPIO[41] Y12 IO OVDD — FEC2_TX_EN/GPIO[42] AC10 IO OVDD — FEC2_TX_ER/GPIO[43] AC9 IO OVDD — FEC2_TXD0/GPIO[44] AC8 IO OVDD — FEC2_TXD1/GPIO[45] Y11 IO OVDD — FEC2_TXD2/GPIO[46] AC7 IO OVDD — FEC2_TXD3/GPIO[47] Y10 IO OVDD — FEC3/GPIO FEC3_COL/GPIO[48] J23 IO OVDD — FEC3_CRS/GPIO[49] K23 IO OVDD — FEC3_RX_CLK/GPIO[50] M20 IO OVDD — FEC3_RX_DV/FEC1_TMR_TX_ESFD/GPIO[51] K22 IO OVDD — FEC3_RX_ER/FEC1_TMR_RX_ESFD/GPIO[52] L22 IO OVDD — FEC3_RXD0/FEC2_TMR_TX_ESFD/GPIO[53] L23 IO OVDD — FEC3_RXD1/FEC2_TMR_RX_ESFD/GPIO[54] M23 IO OVDD — FEC3_RXD2/TSEC_TMR_TRIG1/GPIO[55] N22 IO OVDD — FEC3_RXD3/TSEC_TMR_TRIG2/GPIO[56] N23 IO OVDD — Table 52. MPC8306Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Notes |