| 전자부품 데이터시트 검색엔진 |
|
MPC5125 데이터시트(PDF) 11 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5125 데이터시트(HTML) 11 Page - Freescale Semiconductor, Inc |
|
11 / 94 page ![]() MDQ19 0x00 IO_CON- TROL_MEM ALT0 ALT1 ALT2 ALT3 MDQ19 — — GPT1[3] DRAM — — GPT1 I/O — — I/O VDD_IO_MEM — T22 MDQ20 0x00 IO_CON- TROL_MEM ALT0 ALT1 ALT2 ALT3 MDQ20 — — GPT1[4] DRAM — — GPT1 I/O — — I/O VDD_IO_MEM — N20 MDQ21 0x00 IO_CON- TROL_MEM ALT0 ALT1 ALT2 ALT3 MDQ21 — — GPT1[5] DRAM — — GPT1 I/O — — I/O VDD_IO_MEM — P22 MDQ22 0x00 IO_CON- TROL_MEM ALT0 ALT1 ALT2 ALT3 MDQ22 — — GPT1[6] DRAM — — GPT1 I/O — — I/O VDD_IO_MEM — N22 MDQ23 0x00 IO_CON- TROL_MEM ALT0 ALT1 ALT2 ALT3 MDQ23 — — GPT1[7] DRAM — — GPT1 I/O — — I/O VDD_IO_MEM — M20 MDQ24 0x00 IO_CON- TROL_MEM ALT0 ALT1 ALT2 ALT3 MDQ24 — — GPIO21 DRAM — — GPIO1 I/O — — I/O VDD_IO_MEM — M21 MDQ25 0x00 IO_CON- TROL_MEM ALT0 ALT1 ALT2 ALT3 MDQ25 — — GPIO22 DRAM — — GPIO1 I/O — — I/O VDD_IO_MEM — M22 MDQ26 0x00 IO_CON- TROL_MEM ALT0 ALT1 ALT2 ALT3 MDQ26 — — GPIO23 DRAM — — GPIO1 I/O — — I/O VDD_IO_MEM — L20 Table 2. MPC5125 Pin Multiplexing (continued) Pin Pad I/O Control Register1 and Offset2 Alternate Function3 Functions4 Peripheral5 I/O Direction Power Domain Notes Pin |