| 전자부품 데이터시트 검색엔진 |
|
MPC5125 데이터시트(PDF) 15 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5125 데이터시트(HTML) 15 Page - Freescale Semiconductor, Inc |
|
15 / 94 page ![]() MA08 0x00 IO_CON- TROL_MEM ALT0 ALT1 ALT2 ALT3 MA08 — — — DRAM — — — O — — — VDD_IO_MEM — D21 MA09 0x00 IO_CON- TROL_MEM ALT0 ALT1 ALT2 ALT3 MA09 — — — DRAM — — — O — — — VDD_IO_MEM — C22 MA10 0x00 IO_CON- TROL_MEM ALT0 ALT1 ALT2 ALT3 MA10 — — — DRAM — — — O — — — VDD_IO_MEM — E19 MA11 0x00 IO_CON- TROL_MEM ALT0 ALT1 ALT2 ALT3 MA11 — — — DRAM — — — O — — — VDD_IO_MEM — B22 MA12 0x00 IO_CON- TROL_MEM ALT0 ALT1 ALT2 ALT3 MA12 — — — DRAM — — — O — — — VDD_IO_MEM — C20 MA13 0x00 IO_CON- TROL_MEM ALT0 ALT1 ALT2 ALT3 MA13 — — — DRAM — — — O — — — VDD_IO_MEM — D20 MA14 0x00 IO_CON- TROL_MEM ALT0 ALT1 ALT2 ALT3 MA14 — — — DRAM — — — O — — — VDD_IO_MEM — B21 MA15 0x00 IO_CON- TROL_MEM ALT0 ALT1 ALT2 ALT3 MA15/MCS1 — — — DRAM — — — O — — — VDD_IO_MEM — B20 Table 2. MPC5125 Pin Multiplexing (continued) Pin Pad I/O Control Register1 and Offset2 Alternate Function3 Functions4 Peripheral5 I/O Direction Power Domain Notes Pin |