| 전자부품 데이터시트 검색엔진 |
|
C6416 데이터시트(PDF) 33 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
C6416 데이터시트(HTML) 33 Page - Texas Instruments |
|
33 / 134 page ![]() SMJ320C6414, SMJ320C6415, SMJ320C6416 FIXEDPOINT DIGITAL SIGNAL PROCESSORS SGUS050A − JANUARY 2004 − REVISED MARCH 2004 33 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 signal groups description (continued) McBSPs (Multichannel Buffered Serial Ports) CLKX0 FSX0 DX0 CLKR0 FSR0 DR0 CLKS0 Transmit McBSP0 Receive Clock CLKX1/URADDR4† FSX1/UXADDR3† DX1/UXADDR4† CLKR1/URADDR2† FSR1/UXADDR2† DR1/UXADDR1† CLKS1/URADDR3† Transmit McBSP1 Receive Clock CLKX2/XSP_CLK† FSX2 DX2/XSP_DO† CLKR2 FSR2 DR2/XSP_DI† CLKS2/GP8‡ Transmit McBSP2 Receive Clock † For the C6415 and C6416 devices, these McBSP2 and McBSP1 pins are MUXed with the PCI and UTOPIA peripherals, respectively. By default, these signals function as McBSP2 and McBSP1, respectively. For more details on these MUXed pins, see the Device Configurations section of this data sheet. For the C6414 device, these McBSP2 and McBSP1 peripheral pins are not MUXed; the C6414 device does not support PCI and UTOPIA peripherals. ‡ The McBSP2 clock source pin (CLKS2, default) is MUXed with the GP8 pin. To use this MUXed pin as the GP8 signal, the appropriate GPIO register bits (GP8EN and GP8DIR) must be properly enabled and configured. For more details, see the Device Configurations section of this data sheet. Figure 3. Peripheral Signals (Continued) |