전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH7221 데이터시트(PDF) 1 Page - OSRAM GmbH

부품명 SFH7221
상세설명  GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7221 데이터시트(HTML) 1 Page - OSRAM GmbH

  SFH7221 Datasheet HTML 1Page - OSRAM GmbH SFH7221 Datasheet HTML 2Page - OSRAM GmbH SFH7221 Datasheet HTML 3Page - OSRAM GmbH SFH7221 Datasheet HTML 4Page - OSRAM GmbH SFH7221 Datasheet HTML 5Page - OSRAM GmbH SFH7221 Datasheet HTML 6Page - OSRAM GmbH SFH7221 Datasheet HTML 7Page - OSRAM GmbH SFH7221 Datasheet HTML 8Page - OSRAM GmbH SFH7221 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SFH 7221
GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor
GaAlAs-Infrared-Emitter (880 nm) and Si-Phototransistor
Lead (Pb) Free Product - RoHS Compliant
2009-03-05
1
Wesentliche Merkmale
• SMT-Gehäuse mit IR-Sender (880 nm) und
Si-Fototransistor
• Geeignet für SMT-Bestückung
• Gegurtet lieferbar
• Sender und Empfänger getrennt ansteuerbar
Anwendungen
• Datenübertragung
• Wegfahrsperre
• Infrarotschnittstelle
Typ
Type
Bestellnummer
Ordering Code
Gehäuse
Package
SFH 7221
Q65110A2741
SMT Multi TOPLED
®
Features
• SMT package with IR emitter (880 nm) and
Si-phototransistor
• Suitable for SMT assembly
• Available on tape and reel
• Emitter und detector can be controlled
separately
Applications
• Data transmission
• Lock bar
• Infrared interface


유사한 부품 번호 - SFH7221

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
SFH7221 OSRAM-SFH7221 Datasheet
84Kb / 8P
GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor
logo
OSA Opto Light GmbH
SFH7221 OSA-SFH7221 Datasheet
85Kb / 8P
GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor GaAlAs-Infrared-Emitter (880 nm) and Si-Phototransistor
SFH7221-Z OSA-SFH7221-Z Datasheet
85Kb / 8P
GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor GaAlAs-Infrared-Emitter (880 nm) and Si-Phototransistor
More results

유사한 설명 - SFH7221

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
SFH480 SIEMENS-SFH480 Datasheet
66Kb / 7P
GaAlAs-IR-Lumineszenzdioden 880 nm GaAlAs Infrared Emitters 880 nm
SFH486 SIEMENS-SFH486 Datasheet
38Kb / 4P
GaAIAs-IR-Lumineszenzdiode 880 nm GaAIAs Infrared Emitter 880 nm
SFH487P SIEMENS-SFH487P Datasheet
38Kb / 5P
GaAIAs-IR-Lumineszenzdiode 880 nm GaAIAs Infrared Emitter 880 nm
logo
OSRAM GmbH
SFH7221 OSRAM-SFH7221 Datasheet
84Kb / 8P
GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor
SFH486 OSRAM-SFH486 Datasheet
143Kb / 8P
GaAlAs-IR-Lumineszenzdiode (880 nm)
SFH487P OSRAM-SFH487P Datasheet
141Kb / 8P
GaAIAs-IR-Lumineszenzdiode (880 nm)
SFH4881 OSRAM-SFH4881 Datasheet
170Kb / 6P
IR-Lumineszenzdiode (880 nm) im TO-46-Geh채use
SFH7222 OSRAM-SFH7222_12 Datasheet
167Kb / 11P
GaAlAs-IR-Lumineszenzdiode (880 nm) und gr체ne GaP-LED (565 nm)
SFH484 OSRAM-SFH484_10 Datasheet
155Kb / 10P
GaAlAs-IR-Lumineszenzdioden (880 nm)
logo
OSA Opto Light GmbH
SFH7221-Z OSA-SFH7221-Z Datasheet
85Kb / 8P
GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor GaAlAs-Infrared-Emitter (880 nm) and Si-Phototransistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com