전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH7221 데이터시트(PDF) 3 Page - OSRAM GmbH

부품명 SFH7221
상세설명  GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7221 데이터시트(HTML) 3 Page - OSRAM GmbH

  SFH7221 Datasheet HTML 1Page - OSRAM GmbH SFH7221 Datasheet HTML 2Page - OSRAM GmbH SFH7221 Datasheet HTML 3Page - OSRAM GmbH SFH7221 Datasheet HTML 4Page - OSRAM GmbH SFH7221 Datasheet HTML 5Page - OSRAM GmbH SFH7221 Datasheet HTML 6Page - OSRAM GmbH SFH7221 Datasheet HTML 7Page - OSRAM GmbH SFH7221 Datasheet HTML 8Page - OSRAM GmbH SFH7221 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SFH 7221
2009-03-05
3
Kennwerte IRED (
T
A = 25 °C)
Characteristics IRED
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Wellenlänge der Strahlung
Wavelength of radiation
I
F = 100 mA, tp = 20 ms
λ
peak
880
nm
Spektrale Bandbreite bei 50% von
I
max, IF = 100 mA
Spectral bandwidth at 50% of
I
max, IF = 100 mA
Δλ
80
nm
Abstrahlwinkel
Viewing angle
ϕ
± 60
Grad
deg.
Aktive Chipfläche
Active chip area
A
0.09
mm
2
Abmessungen der aktiven Chipfläche
Dimensions of active chip area
L × B
L × W
0.3
× 0.3
mm²
Schaltzeiten, I
e von 10% auf 90% und von 90% auf
10% Switching times, I
e from 10% to 90 % and from
90% to 10%
I
F = 100 mA, RL = 50 Ω
t
r, tf
0.5
μs
Kapazität
Capacitance
V
R = 0 V, f = 1 MHz
C
o
15
pF
Durchlassspannung
Forward voltage
I
F = 100 mA, tp = 20 ms
I
F = 1 A, tp = 100 μs
V
F
V
F
1.5 (
≤ 1.8)
3.0 (
≤ 3.8)
V
V
Sperrstrom
Reverse current
V
R = 5 V
I
R
0.01
(≤ 1)
μA
Gesamtstrahlungsfluss
Total radiant flux
I
F = 100 mA, tp = 20 ms
Φ
e
23
mW
Temperaturkoeffizient von I
e bzw. Φe
Temperature coefficient of I
e bzw. Φe
I
F = 100 mA, IF = 100 mA
TC
I
– 0.5
%/K



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com