전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH7221 데이터시트(PDF) 2 Page - OSRAM GmbH

부품명 SFH7221
상세설명  GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7221 데이터시트(HTML) 2 Page - OSRAM GmbH

  SFH7221 Datasheet HTML 1Page - OSRAM GmbH SFH7221 Datasheet HTML 2Page - OSRAM GmbH SFH7221 Datasheet HTML 3Page - OSRAM GmbH SFH7221 Datasheet HTML 4Page - OSRAM GmbH SFH7221 Datasheet HTML 5Page - OSRAM GmbH SFH7221 Datasheet HTML 6Page - OSRAM GmbH SFH7221 Datasheet HTML 7Page - OSRAM GmbH SFH7221 Datasheet HTML 8Page - OSRAM GmbH SFH7221 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2009-03-05
2
SFH 7221
Hinweis / Notes
Die angegebenen Grenzdaten gelten für einen Chip.
The stated maximum ratings refer to one chip.
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
IRED
Transistor
Betriebstemperatur
Operating temperature range
T
op
– 40 ... + 100 – 40 ... + 100 °C
Lagertemperatur
Storage temperature range
T
stg
– 40 ... + 100 – 40 ... + 100 °C
Sperrschichttemperatur
Junction temperature
T
j
+ 100
+ 100
°C
Durchlassstrom (LED)
Forward current (LED)
I
F
100
–
mA
Kollektorstrom (Transistor)
Collector current (Transistor)
I
C
–
15
mA
Stoßstrom
Surge current
t ≤ 10 μs, D = 0.005
I
FM
2500
75
mA
Sperrspannung (LED)
Reverse voltage (LED)
V
R
5
–
V
Kollektor-Emitter Spannung
(Transistor)
Collector-emitter voltage
(Transistor)
V
CE
–
35
V
Verlustleistung
Total power dissipation
P
tot
180
165
mW
Wärmewiderstand Sperrschicht / Umgebung
Thermal resistance junction / ambient
Montage auf PC-Board
1) (Padgröße
≥ 16 mm2)
mounting on pcb
1) (pad size
≥ 16 mm2)
Sperrschicht / Lötstelle
junction / soldering joint
R
th JA
R
th JS
500
400
450
–
K/W
K/W
1)
PC-board: G30/FR4



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com