전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH7221 데이터시트(PDF) 4 Page - OSRAM GmbH

부품명 SFH7221
상세설명  GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7221 데이터시트(HTML) 4 Page - OSRAM GmbH

  SFH7221 Datasheet HTML 1Page - OSRAM GmbH SFH7221 Datasheet HTML 2Page - OSRAM GmbH SFH7221 Datasheet HTML 3Page - OSRAM GmbH SFH7221 Datasheet HTML 4Page - OSRAM GmbH SFH7221 Datasheet HTML 5Page - OSRAM GmbH SFH7221 Datasheet HTML 6Page - OSRAM GmbH SFH7221 Datasheet HTML 7Page - OSRAM GmbH SFH7221 Datasheet HTML 8Page - OSRAM GmbH SFH7221 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2009-03-05
4
SFH 7221
IRED Radiation Characteristics I
rel = f (ϕ)
Phototransistor Directional Characteristics
S
rel = f (ϕ)
Temperaturkoeffizient von
V
F
Temperature coefficient of
V
F
I
F = 100 mA
TC
V
– 2
mV/K
Temperaturkoeffizient von
λ
Temperature coefficient of
λ
I
F = 100 mA
TCλ
+ 0.25
nm/K
Strahlstärke I
e in Achsrichtung
gemessen bei einem Raumwinkel
Ω = 0.01 sr
Radiant Intensity I
e in Axial Direction
at a solid angle of
Ω = 0.01 sr
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
Strahlstärke
Radiant intensity
I
F = 100 mA, tp = 20 ms
Ie
> 4
mW/sr
Strahlstärke
Radiant intensity
I
F = 1 A, tp = 100 μs
Ie typ.
48
mW/sr
Kennwerte IRED (
T
A = 25 °C)
Characteristics IRED (cont’d)
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
0
0.2
0.4
1.0
0.8
0.6
ϕ
1.0
0.8
0.6
0.4
0˚
10˚
20˚
40˚
30˚
OHL01660
50˚
60˚
70˚
80˚
90˚
100˚
0˚
20˚
40˚
60˚
80˚
100˚
120˚



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com