전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH7221 데이터시트(PDF) 5 Page - OSRAM GmbH

부품명 SFH7221
상세설명  GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7221 데이터시트(HTML) 5 Page - OSRAM GmbH

  SFH7221 Datasheet HTML 1Page - OSRAM GmbH SFH7221 Datasheet HTML 2Page - OSRAM GmbH SFH7221 Datasheet HTML 3Page - OSRAM GmbH SFH7221 Datasheet HTML 4Page - OSRAM GmbH SFH7221 Datasheet HTML 5Page - OSRAM GmbH SFH7221 Datasheet HTML 6Page - OSRAM GmbH SFH7221 Datasheet HTML 7Page - OSRAM GmbH SFH7221 Datasheet HTML 8Page - OSRAM GmbH SFH7221 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SFH 7221
2009-03-05
5
Kennwerte Fototransistor (
T
A = 25 °C, λ = 880 nm)
Characteristics Phototransistor
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Wellenlänge der max. Fotoempfindlichkeit
Wavelength of max. sensitivity
λ
S max
990
nm
Spektraler Bereich der Fotoempfindlichkeit
S = 10% von S
max
Spectral range of sensitivity
S = 10% of S
max
λ
440
… 1150
nm
Bestrahlungsempfindliche Fläche
(∅ 240 μm)
Radiant sensitive area
(∅ 240 μm)
A
0.038
mm
2
Abmessung der Chipfläche
Dimensions of chip area
L × B
0.45
× 0.45
mm
× mm
Abstand Chipoberfläche zu Gehäuseoberfläche
Distance chip front to case surface
H
0.5
… 0.7
mm
Halbwinkel
Half angle
ϕ
± 60
Grad
deg.
Kapazität
Capacitance
V
CE = 0 V, f = 1 MHz, E = 0
C
CE
5.0
pF
Dunkelstrom
Dark current
V
CE = 25 V, E = 0
I
CEO
1 (
≤ 200)
nA
Fotostrom
Photocurrent
E
e = 0.1 mW/cm
2, V
CE = 5 V
I
PCE
≥ 16
μA
Anstiegszeit/Abfallzeit
Rise time/Fall time
I
C = 1 mA, VCC = 5 V, RL = 1 kΩ
t
r, tf
7
μs
Kollektor-Emitter-Sättigungsspannung
Collector-emitter saturation voltage
I
C = 5 μA, Ee = 0.1 mW/cm
2
V
CEsat
150
mV



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com