전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STW82103B 데이터시트(PDF) 57 Page - STMicroelectronics

부품명 STW82103B
상세설명  RF down converter with embedded integer-N synthesizer
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW82103B 데이터시트(HTML) 57 Page - STMicroelectronics

Back Button STW82103B Datasheet HTML 53Page - STMicroelectronics STW82103B Datasheet HTML 54Page - STMicroelectronics STW82103B Datasheet HTML 55Page - STMicroelectronics STW82103B Datasheet HTML 56Page - STMicroelectronics STW82103B Datasheet HTML 57Page - STMicroelectronics STW82103B Datasheet HTML 58Page - STMicroelectronics STW82103B Datasheet HTML 59Page - STMicroelectronics STW82103B Datasheet HTML 60Page - STMicroelectronics STW82103B Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 67 page
background image
STW82103B
Application information
Doc ID 018517 Rev 2
57/67
11.2
Standard Mode Operation
The STW82103B can be used in Standard Mode for both RX path and TX observation path
(RX Chain ON and Synthesizer ON).
In such a case the 10-bit internal DAC can drive an external PIN diode attenuator in order to
calibrate the signal level at the input of the device.
Figure 26.
Standard mode operation
RF_IN2
I_PINDRV1
I_PINDRV2
RF_IN
RF_VSS
RF_CT
MIXDRV_CT
DAC
MIX
DIV2
STW82103B
RF_IN
DRV
5V
IF AMP
DBUS
VCO
CAL_VCO
BUF
DBUS_SEL
SDA/DATA
SCL/CLK
LOAD
LOCK_DET
4:1
IF_OUT
50
Ω
5V
REXT_CP
calibrator
REF_CLK
CHP
PFD
UP
DN
PLL
ICP
VCO
CAL_VCO
VCTRL
BUFF
IF_OUTP
IF_OUTN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com