| 전자부품 데이터시트 검색엔진 |
|
STW82103B 데이터시트(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STW82103B 데이터시트(HTML) 59 Page - STMicroelectronics |
|
59 / 67 page ![]() STW82103B Application information Doc ID 018517 Rev 2 59/67 11.4 Diversity mode operation with different LO frequencies The STW82103B is particularly suitable for Diversity schemes using different LO frequencies such as the Interferer Diversity. In these schemes two STW82103Bs are used, each one set in Standard Mode and with different LO frequencies. Figure 28. Diversity mode operation with different LO frequencies 4:1 IF_OUT1 50 Ω 5V IF_OUTP IF_OUTN IF AMP DBUS DBUS_SEL SDA/DATA SCL/CLK LOAD RF_IN RF_VSS RF_CT RF_IN1 5V DIV2 BUF LOCK_DET REXT_CP REF_CLK CHP PFD UP DN PLL ICP VCO CAL_VCO VCTRL BUFF VCO CAL_VCO calibrator MIXDRV_CT MIX DRV STW82103B Master 4:1 IF_OUT2 50 Ω 5V IF_OUTP IF_OUTN IF AMP DBUS DBUS_SEL SDA/DATA SCL/CLK LOAD RF_IN RF_VSS RF_CT RF_IN2 5V DIV2 BUF LOCK_DET REXT_CP REF_CLK CHP PFD UP DN PLL ICP VCO CAL_VCO VCTRL BUFF VCO CAL_VCO calibrator MIXDRV_CT MIX DRV STW82103B Diversity LO1 LO2 |