전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STW82103B 데이터시트(PDF) 64 Page - STMicroelectronics

부품명 STW82103B
상세설명  RF down converter with embedded integer-N synthesizer
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW82103B 데이터시트(HTML) 64 Page - STMicroelectronics

Back Button STW82103B Datasheet HTML 59Page - STMicroelectronics STW82103B Datasheet HTML 60Page - STMicroelectronics STW82103B Datasheet HTML 61Page - STMicroelectronics STW82103B Datasheet HTML 62Page - STMicroelectronics STW82103B Datasheet HTML 63Page - STMicroelectronics STW82103B Datasheet HTML 64Page - STMicroelectronics STW82103B Datasheet HTML 65Page - STMicroelectronics STW82103B Datasheet HTML 66Page - STMicroelectronics STW82103B Datasheet HTML 67Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 64 / 67 page
background image
Package mechanical data
STW82103B
64/67
Doc ID 018517 Rev 2
Note:
1
VFQFPN stands for Thermally Enhanced Very thin Fine pitch Quad Flat Package No lead.
Very thin: A=1.00 Max.
2
Details of terminal 1 identifier are optional but must be located on the top surface of the
package by using either a mold or marked features.
Table 24.
VFQFPN-44 package dimensions
Symbol
Dimensions in mm
Min
Typ
Max
A
0.80
0.90
1.00
A1
-
0.02
0.05
A2
-
0.65
1.00
A3
-
0.200
-
b
0.18
0.25
0.30
D
6.85
7.00
7.15
D1
-
6.750
-
D2
3.80
3.90
4.00
D3
-
4.90
-
E
6.85
7.00
7.15
E1
-
6.750
-
E2
3.80
3.90
4.00
E3
-
4.90
-
e
-
0.50
-
L
0.35
0.55
0.75
P-
-
0.60
K (degree)
-
-
12
ddd
-
-
0.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67