전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STW82103B 데이터시트(PDF) 44 Page - STMicroelectronics

부품명 STW82103B
상세설명  RF down converter with embedded integer-N synthesizer
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW82103B 데이터시트(HTML) 44 Page - STMicroelectronics

Back Button STW82103B Datasheet HTML 40Page - STMicroelectronics STW82103B Datasheet HTML 41Page - STMicroelectronics STW82103B Datasheet HTML 42Page - STMicroelectronics STW82103B Datasheet HTML 43Page - STMicroelectronics STW82103B Datasheet HTML 44Page - STMicroelectronics STW82103B Datasheet HTML 45Page - STMicroelectronics STW82103B Datasheet HTML 46Page - STMicroelectronics STW82103B Datasheet HTML 47Page - STMicroelectronics STW82103B Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 67 page
background image
I2C bus interface
STW82103B
44/67
Doc ID 018517 Rev 2
READ-ONLY REGISTER
Device ID and calibration status register
Address:
0x09
Type:
R
Reset:
0x00
Description:
This register is automatically addressed in the ‘current byte address read mode’
7
654
3210
ID[1:0]
LOCK_DET
INTCAL[4:0]
RR
R
[7:6] ID[1:0]: device identification ’11’ for STW82103B
[5] LOCK_DET: ’1’ when PLL is locked
[4:0] INTCAL[4:0]: internal value of the VCO calibration control word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67