전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STW82103B 데이터시트(PDF) 25 Page - STMicroelectronics

부품명 STW82103B
상세설명  RF down converter with embedded integer-N synthesizer
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW82103B 데이터시트(HTML) 25 Page - STMicroelectronics

Back Button STW82103B Datasheet HTML 21Page - STMicroelectronics STW82103B Datasheet HTML 22Page - STMicroelectronics STW82103B Datasheet HTML 23Page - STMicroelectronics STW82103B Datasheet HTML 24Page - STMicroelectronics STW82103B Datasheet HTML 25Page - STMicroelectronics STW82103B Datasheet HTML 26Page - STMicroelectronics STW82103B Datasheet HTML 27Page - STMicroelectronics STW82103B Datasheet HTML 28Page - STMicroelectronics STW82103B Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 67 page
background image
STW82103B
General description
Doc ID 018517 Rev 2
25/67
Figure 10.
VCO divider diagram
8.1.5
Phase frequency detector (PFD)
The PFD takes inputs from the reference and the VCO dividers and produces an output
proportional to the phase error. The PFD includes a delay gate that controls the width of the
anti-backlash pulse. This pulse ensures that there is no dead zone in the PFD transfer
function.
Figure 11 is a simplified schematic of the PFD.
Figure 11.
PFD diagram
modulus
Prescaler
16/17 or 19/20
5-bit
A counter
12-bit
B counter
VCOBUF-
VCOBUF+
To PFD
VDD
Fref_DIV
FVCO_div
VDD
D
Delay
ABL
Down
Up
R
R
Q
D
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67