| 전자부품 데이터시트 검색엔진 |
|
WM8352 데이터시트(PDF) 235 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8352 데이터시트(HTML) 235 Page - Wolfson Microelectronics plc |
|
235 / 336 page ![]() Production Data WM8352 w PD, February 2011, Rev 4.4 235 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION REFER TO R29 (1Dh) Over Current Interrupt status 15 OC_LS_EINT 0 Overcurrent interrupt. (Rising Edge triggered) Note: This bit is cleared once read. Register 1Dh Over Current Interrupt status REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION REFER TO R30 (1Eh) GPIO Interrupt Status 12 GP12_EINT 0 GPIO12 interrupt. (Trigger controlled by GP12 registers.) Note: This bit is cleared once read. 11 GP11_EINT 0 GPIO11 interrupt. (Trigger controlled by GP11 registers.) Note: This bit is cleared once read. 10 GP10_EINT 0 GPIO10 interrupt. (Trigger controlled by GP10 registers.) Note: This bit is cleared once read. 9 GP9_EINT 0 GPIO9 interrupt. (Trigger controlled by GP9 registers.) Note: This bit is cleared once read. 8 GP8_EINT 0 GPIO8 interrupt. (Trigger controlled by GP8 registers.) Note: This bit is cleared once read. 7 GP7_EINT 0 GPIO7 interrupt. (Trigger controlled by GP7 registers.) Note: This bit is cleared once read. 6 GP6_EINT 0 GPIO6 interrupt. (Trigger controlled by GP6 registers.) Note: This bit is cleared once read. 5 GP5_EINT 0 GPIO5 interrupt. (Trigger controlled by GP5 registers.) Note: This bit is cleared once read. 4 GP4_EINT 0 GPIO4 interrupt. (Trigger controlled by GP4 registers.) Note: This bit is cleared once read. 3 GP3_EINT 0 GPIO3interrupt. (Trigger controlled by GP3 registers.) Note: This bit is cleared once read. 2 GP2_EINT 0 GPIO2 interrupt. (Trigger controlled by GP2 registers.) Note: This bit is cleared once read. 1 GP1_EINT 0 GPIO1 interrupt. (Trigger controlled by GP1 registers.) Note: This bit is cleared once read. 0 GP0_EINT 0 GPIO0 interrupt. (Trigger controlled by GP0 registers.) Note: This bit is cleared once read. Register 1Eh GPIO Interrupt Status |