| 전자부품 데이터시트 검색엔진 |
|
WM8352 데이터시트(PDF) 319 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8352 데이터시트(HTML) 319 Page - Wolfson Microelectronics plc |
|
319 / 336 page ![]() Production Data WM8352 w PD, February 2011, Rev 4.4 319 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION REFER TO R230 (E6h) GPIO Pin Status 15 1 1 Unused Never reset. 14 1 1 Unused Never reset. 13 1 1 Unused Never reset. 12 GP12_LVL 0 Logic level of GPIO12 pin Input- Reads the logic level of GPIO pin Writing ‘0’ clears GP12_EINT Output- Write sets the value to drive the GPIO pin 11 GP11_LVL 0 Logic level of GPIO11 pin Input- Reads the logic level of GPIO pin Writing ‘0’ clears GP11_EINT Output- Write sets the value to drive the GPIO pin 10 GP10_LVL 0 Logic level of GPIO10 pin Input- Reads the logic level of GPIO pin Writing ‘0’ clears GP10_EINT Output- Write sets the value to drive the GPIO pin 9 GP9_LVL 0 Logic level of GPIO9 pin Input- Reads the logic level of GPIO pin Writing ‘0’ clears GP9_EINT Output- Write sets the value to drive the GPIO pin 8 GP8_LVL 0 Logic level of GPIO8 pin Input- Reads the logic level of GPIO pin Writing ‘0’ clears GP8_EINT Output- Write sets the value to drive the GPIO pin 7 GP7_LVL 0 Logic level of GPIO7 pin Input- Reads the logic level of GPIO pin Writing ‘0’ clears GP7_EINT Output- Write sets the value to drive the GPIO pin 6 GP6_LVL 0 Logic level of GPIO6 pin Input- Reads the logic level of GPIO pin Writing ‘0’ clears GP6_EINT |