전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC24FJ128GA310 데이터시트(PDF) 152 Page - Microchip Technology

부품명 PIC24FJ128GA310
상세설명  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 데이터시트(HTML) 152 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 148Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 149Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 150Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 151Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 152Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 153Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 154Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 155Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 156Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 406 page
background image
PIC24FJ128GA310 FAMILY
DS39996F-page 152
 2010-2011 Microchip Technology Inc.
9.5
Secondary Oscillator (SOSC)
9.5.1
BASIC SOSC OPERATION
PIC24FJ128GA310 family devices do not have to set the
SOSCEN bit to use the secondary oscillator. Any module
requiring the SOSC (such as RTCC, Timer1 or DSWDT)
will automatically turn on the SOSC when the clock signal
is needed. The SOSC, however, has a long start-up time.
To avoid delays for peripheral start-up, the SOSC can be
manually started using the SOSCEN bit.
To use the secondary oscillator, the SOSCSEL<1:0> bits
(CW3<9:8>) must be configured in an oscillator mode –
either ‘11’ or ‘01’. Setting the SOSCSEL bits to ‘00’
configures the SOSC pins for Digital mode, enabling
digital I/O functionality on the pins. Digital functionality
will not be available if the SOSC is configured in either of
the oscillator modes.
9.5.2
LOW-POWER SOSC OPERATION
The secondary oscillator can operate in two distinct
levels of power consumption, based on device configu-
ration. In Low-Power mode, the oscillator operates in a
low drive strength, low-power state. By default, the
oscillator uses a higher drive strength, and therefore,
requires more power. The Secondary Oscillator Mode
Configuration bits, SOSCSEL<1:0> (CW3<9:8>),
determine the oscillator’s power mode. Programming
the SOSCSEL bits to ‘01’ selects low-power operation.
The lower drive strength of this mode makes the SOSC
more sensitive to noise and requires a longer start-up
time. When Low-Power mode is used, care must be
taken in the design and layout of the SOSC circuit to
ensure that the oscillator starts up and oscillates
properly.
9.5.3
EXTERNAL (DIGITAL) CLOCK
MODE (SCLKI)
The SOSC can also be configured to run from an
external 32 kHz clock source, rather than the internal
oscillator. In this mode, also referred to as Digital mode,
the clock source provided on the SCLKI pin is used to
clock any modules that are configured to use the
secondary oscillator. In this mode, the crystal driving
circuit is disabled and the SOSCEN bit (OSCCON<1>)
has no effect.
9.5.4
SOSC LAYOUT CONSIDERATIONS
The pinout limitations on low pin count devices, such as
those in the PIC24FJ128GA310 family, may make the
SOSC more susceptible to noise than other PIC24FJ
devices. Unless proper care is taken in the design and
layout of the SOSC circuit, this external noise may
introduce inaccuracies into the oscillator’s period.
In general, the crystal circuit connections should be as
short as possible. It is also good practice to surround
the crystal circuit with a ground loop or ground plane.
For more information on crystal circuit design, please
refer to Section 6 “Oscillator” (DS39700) of the
“PIC24F Family Reference Manual”. Additional infor-
mation is also available in these Microchip Application
Notes:
• AN826, “Crystal Oscillator Basics and Crystal
Selection for rfPIC® and PICmicro® Devices”
(
DS00826)
• AN849, “Basic PICmicro® Oscillator Design”
(DS00849).
9.6
Reference Clock Output
In addition to the CLKO output (FOSC/2) available in
certain oscillator modes, the device clock in the
PIC24FJ128GA310 family devices can also be config-
ured to provide a reference clock output signal to a port
pin. This feature is available in all oscillator configura-
tions and allows the user to select a greater range of
clock submultiples to drive external devices in the
application.
This reference clock output is controlled by the
REFOCON register (Register 9-4). Setting the ROEN
bit (REFOCON<15>) makes the clock signal available
on the REFO pin. The RODIV bits (REFOCON<11:8>)
enable the selection of 16 different clock divider
options.
The ROSSLP and ROSEL bits (REFOCON<13:12>)
control the availability of the reference output during
Sleep mode. The ROSEL bit determines if the oscillator
on OSC1 and OSC2, or the current system clock source,
is used for the reference clock output. The ROSSLP bit
determines if the reference source is available on REFO
when the device is in Sleep mode.
To use the reference clock output in Sleep mode, both
the ROSSLP and ROSEL bits must be set. The device
clock must also be configured for one of the primary
modes (EC, HS or XT). Otherwise, if the POSCEN bit
is also not set, the oscillator on OSC1 and OSC2 will be
powered down when the device enters Sleep mode.
Clearing the ROSEL bit allows the reference output
frequency to change as the system clock changes
during any clock switches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com