전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC24FJ128GA310 데이터시트(PDF) 156 Page - Microchip Technology

부품명 PIC24FJ128GA310
상세설명  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 데이터시트(HTML) 156 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 152Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 153Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 154Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 155Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 156Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 157Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 158Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 159Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 160Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 406 page
background image
PIC24FJ128GA310 FAMILY
DS39996F-page 156
 2010-2011 Microchip Technology Inc.
TABLE 10-2:
EXITING POWER SAVING MODES
10.1.1
INSTRUCTION-BASED
POWER-SAVING MODES
Three of the power-saving modes are entered through
the execution of the PWRSAV instruction. Sleep mode
stops clock operation and halts all code execution. Idle
mode halts the CPU and code execution, but allows
peripheral modules to continue operation. Deep Sleep
mode stops clock operation, code execution and all
peripherals, except RTCC and DSWDT. It also freezes
I/O states and removes power to Flash memory and
may remove power to SRAM.
The assembly syntax of the PWRSAV instruction is shown
in Example 10-1. Sleep and Idle modes are entered
directly with a single assembler command. Deep Sleep
requires an additional sequence to unlock and enable
the entry into Deep Sleep, which is described in
Section 10.4.1 “Entering Deep Sleep Mode”
.
Sleep and Idle modes can be exited as a result of an
enabled interrupt, WDT time-out or a device Reset.
When the device exits these modes, it is said to
“wake-up”.
The features enabled with the low-voltage/retention
regulator results in some changes to the way that Sleep
mode behaves. See Section 10.3 “Sleep Mode”.
10.1.1.1
Interrupts Coincident with Power
Save Instructions
Any interrupt that coincides with the execution of a
PWRSAV
instruction will be held off until entry into
Sleep/Deep Sleep or Idle mode has completed. The
device will then wake-up from Sleep/Deep Sleep or Idle
mode.
EXAMPLE 10-1:
PWRSAV
INSTRUCTION SYNTAX
Mode
Exit Conditions
Code
Execution
Resumes(2)
Interrupts
Resets
RTCC
Alarm
WDT
VDD
Restore
All
INT0
All
POR
MCLR
Idle
Y
Y
Y
Y
Y
Y
Y
N/A
Next instruction
Sleep (all modes)
Y
Y
Y
Y
Y
Y
Y
N/A
Deep Sleep
N
Y
N
Y
Y
Y
Y(1)
N/A
Reset vector
VBAT
N
N
N
N
N
N
N
Y
Reset vector
Note 1:
Deep Sleep WDT.
2:
Code execution resumption is also valid for all the exit conditions; for example, a MCLR and POR exit will
cause code execution from the Reset vector.
Note:
SLEEP_MODE
and
IDLE_MODE
are
constants defined in the assembler
include file for the selected device.
To enter Deep Sleep, the DSCON<0> bit
should be cleared before setting the
DSEN bit,
// Syntax to enter Sleep mode:
PWRSAV
#SLEEP_MODE
; Put the device into SLEEP mode
//
//Synatx to enter Idle mode:
PWRSAV
#IDLE_MODE
; Put the device into IDLE mode
//
// Syntax to enter Deep Sleep mode:
// First use the unlock sequence to set the DSEN bit (see Example 10-2)
CLR
DSCON
CLR
DSCON
; (repeat the command)
BSET
DSCON,
#DSEN
; Enable Deep Sleep
BSET
DSCON,
#DSEN
; Enable Deep Sleep (repeat the command)
PWRSAV
#SLEEP_MODE
; Put the device into Deep SLEEP mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com