전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC24FJ128GA310 데이터시트(PDF) 155 Page - Microchip Technology

부품명 PIC24FJ128GA310
상세설명  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 데이터시트(HTML) 155 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 151Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 152Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 153Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 154Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 155Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 156Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 157Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 158Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 159Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 406 page
background image
 2010-2011 Microchip Technology Inc.
DS39996F-page 155
PIC24FJ128GA310 FAMILY
10.0
POWER-SAVING FEATURES
The PIC24FJ128GA310 family of devices provides the
ability to manage power consumption by selectively
managing clocking to the CPU and the peripherals. In
general, a lower clock frequency and a reduction in the
number of circuits being clocked reduces consumed
power.
PIC24FJ128GA310 family devices manage power
consumption with five strategies:
• Instruction-Based Power Reduction Modes
• Hardware-Based Power Reduction Features
• Clock Frequency Control
• Software Controlled Doze Mode
• Selective Peripheral Control in Software
Combinations of these methods can be used to
selectively tailor an application’s power consumption,
while still maintaining critical application features, such
as timing-sensitive communications.
10.1
Overview of Power-Saving Modes
In addition to full-power operation, otherwise known as
Run mode, the PIC24FJ128GA310 family of devices
offers three Instruction-Based, Power-Saving modes
and one Hardware-Based mode:
•Idle
• Sleep (Sleep and Low-Voltage Sleep)
• Deep Sleep
•VBAT (with and without RTCC)
All four modes can be activated by powering down dif-
ferent functional areas of the microcontroller, allowing
progressive reductions of operating and Idle power
consumption. In addition, three of the modes can be
tailored for more power reduction, at a trade-off of
some operating features. Table 10-1 lists all of the
operating modes, in order of increasing power savings.
Table 10-2 summarizes how the microcontroller exits
the different modes. Specific information is provided in
the following sections.
TABLE 10-1:
OPERATING MODES FOR PIC24FJ128GA310 FAMILY DEVICES
Note:
This data sheet summarizes the features
of this group of PIC24FJ devices. It is not
intended
to
be
a
comprehensive
reference source. For more information,
refer to the “PIC24F Family Reference
Manual”
, “Section 57. Power-Saving
Features with VBAT”
(DS30622).
Mode
Entry
Active Systems
Core
Peripherals
Data RAM
Retention
RTCC(1)
DSGPR0/
DSGPR1
Retention
Run (default)
N/A
YYY
YY
Idle
Instruction
N
Y
Y
Y
Y
Sleep:
Sleep
Instruction
N
S(2)
YY
Y
Low-Voltage Sleep
Instruction +
RETEN bit
NS(2)
YY
Y
Deep Sleep:
Deep Sleep
Instruction +
DSEN bit +
NNN
Y
Y
VBAT:
with RTCC
Hardware
N
N
N
Y
Y
Note 1:
If RTCC is otherwise enabled in firmware.
2:
A select peripheral can operate during this mode from LPRC or some external clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com