전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT45DB081D 데이터시트(PDF) 32 Page - Analog Devices

부품명 AT45DB081D
상세설명  8-megabit 2.5V or 2.7V DataFlash
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AT45DB081D 데이터시트(HTML) 32 Page - Analog Devices

Back Button AT45DB081D_13 Datasheet HTML 28Page - Analog Devices AT45DB081D_13 Datasheet HTML 29Page - Analog Devices AT45DB081D_13 Datasheet HTML 30Page - Analog Devices AT45DB081D_13 Datasheet HTML 31Page - Analog Devices AT45DB081D_13 Datasheet HTML 32Page - Analog Devices AT45DB081D_13 Datasheet HTML 33Page - Analog Devices AT45DB081D_13 Datasheet HTML 34Page - Analog Devices AT45DB081D_13 Datasheet HTML 35Page - Analog Devices AT45DB081D_13 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
32
3596O–DFLASH–1/2013
AT45DB081D
18. Electrical Specifications
Note:
1. After power is applied and VCC is at the minimum specified datasheet value, the system should wait 10 ms before an opera-
tional mode is started
Table 18-1.
Absolute Maximum Ratings*
Temperature under Bias ................................ -55
C to +125C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. The "Absolute Maximum Rat-
ings" are stress ratings only and functional
operation of the device at these or any other con-
ditions beyond those indicated in the operational
sections of this specification is not implied. Expo-
sure to absolute maximum rating conditions for
extended periods may affect device reliability.
Voltage Extremes referenced in the "Absolute
Maximum Ratings" are intended to accommo-
date short duration undershoot/overshoot condi-
tions and does not imply or guarantee functional
device operation at these levels for any extended
period of time
Storage Temperature ..................................... -65
C to +150C
All Input Voltages (except VCC but including NC pins)
with Respect to Ground ...................................-0.6V to +6.25V
All Output Voltages
with Respect to Ground .............................-0.6V to VCC + 0.6V
Table 18-2.
DC and AC Operating Range
AT45DB081D (2.5V Version)
AT45DB081D
Operating Temperature (Case)
Ind.
-40
C to 85C
-40
C to 85C
VCC Power Supply
2.5V to 3.6V
2.7V to 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com