전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT45DB081D 데이터시트(PDF) 47 Page - Analog Devices

부품명 AT45DB081D
상세설명  8-megabit 2.5V or 2.7V DataFlash
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AT45DB081D 데이터시트(HTML) 47 Page - Analog Devices

Back Button AT45DB081D_13 Datasheet HTML 43Page - Analog Devices AT45DB081D_13 Datasheet HTML 44Page - Analog Devices AT45DB081D_13 Datasheet HTML 45Page - Analog Devices AT45DB081D_13 Datasheet HTML 46Page - Analog Devices AT45DB081D_13 Datasheet HTML 47Page - Analog Devices AT45DB081D_13 Datasheet HTML 48Page - Analog Devices AT45DB081D_13 Datasheet HTML 49Page - Analog Devices AT45DB081D_13 Datasheet HTML 50Page - Analog Devices AT45DB081D_13 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 53 page
background image
47
3596O–DFLASH–1/2013
AT45DB081D
26. Ordering Information
26.1 Ordering Code Detail
Notes: 1. The shipping carrier option is not marked on the devices.
2. Standard parts are shipped with the page size set to 264-bytes. The user is able to configure these parts to a 256-byte page
size if desired.
3. Parts ordered with suffix SL954 are shipped in bulk with the page size set to 256-bytes. Parts will have a 954 or SL954
marked on them.
4. Parts ordered with suffix SL955 are shipped in tape and reel with the page size set to 256-bytes. Parts will have a 954 or
SL954 marked on them.
A T 4 5 D
0 8
S S U
1D–
B
Designator
Product Family
Device Density
8 = 8-megabit
Interface
1 = Serial
Package Option
M = 8-pad, 6 x 5 x 1mm MLF (VDFN)
SS = 8-lead, 0.150" wide SOIC
S
= 8-lead, 0.209" wide SOIC
Device Grade
U = Matte Sn lead finish, industrial
temperature range (-40°C to +85°C)
Device Revision
26.2 Green Package Options (Pb/Halide-free/RoHS Compliant)
Ordering Code(1)(2)
Package
Lead Finish
Operating Voltage
fSCK (MHz)
Operation Range
AT45DB081D-MU
AT45DB081D-MU-SL954(3)
AT45DB081D-MU-SL955(4)
8M1-A
Matte Sn
2.7V to 3.6V
66
Industrial
(-40
C to 85C)
AT45DB081D-SSU
AT45DB081D-SSU-SL954(3)
AT45DB081D-SSU-SL955(4)
8S1
AT45DB081D-SU
AT45DB081D-SU-SL954(3)
AT45DB081D-SU-SL955(4)
8S2
AT45DB081D-MU-2.5
8M1-A
Matte Sn
2.5V to 3.6V
50
AT45DB081D-SSU-2.5
8S1
AT45DB081D-SU-2.5
8S2
Package Type
8M1-A
8-pad, 6 x 5 x 1.00mm Body, Very Thin Dual Flat Package No Lead MLF(VDFN)
8S1
8-lead, 0.150” Wide, Plastic Gull Wing Small Outline Package (JEDEC SOIC)
8S2
8-lead, 0.209” Wide, Plastic Gull Wing Small Outline Package (EIAJ SOIC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com