전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT45DB081D 데이터시트(PDF) 46 Page - Analog Devices

부품명 AT45DB081D
상세설명  8-megabit 2.5V or 2.7V DataFlash
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AT45DB081D 데이터시트(HTML) 46 Page - Analog Devices

Back Button AT45DB081D_13 Datasheet HTML 42Page - Analog Devices AT45DB081D_13 Datasheet HTML 43Page - Analog Devices AT45DB081D_13 Datasheet HTML 44Page - Analog Devices AT45DB081D_13 Datasheet HTML 45Page - Analog Devices AT45DB081D_13 Datasheet HTML 46Page - Analog Devices AT45DB081D_13 Datasheet HTML 47Page - Analog Devices AT45DB081D_13 Datasheet HTML 48Page - Analog Devices AT45DB081D_13 Datasheet HTML 49Page - Analog Devices AT45DB081D_13 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 53 page
background image
46
3596O–DFLASH–1/2013
AT45DB081D
Figure 25-2. Algorithm for Randomly Modifying Data
Notes: 1. To preserve data integrity, each page of an DataFlash sector must be updated/rewritten at least once within every 10,000
cumulative page erase and program operations.
2. A Page Address Pointer must be maintained to indicate which page is to be rewritten. The Auto Page Rewrite command
must use the address specified by the Page Address Pointer.
3. Other algorithms can be used to rewrite portions of the Flash array. Low-power applications may choose to wait until 10,000
cumulative page erase and program operations have accumulated before rewriting all pages of the sector. See application
note AN-4 (“Using Serial DataFlash”) for more details.
START
MAIN MEMORY PAGE
TO BUFFER TRANSFER
(53H, 55H)
INCREMENT PAGE
ADDRESS POINTER
(2)
AUTO PAGE REWRITE
(2)
(58H, 59H)
END
provide address of
page to modify
If planning to modify multiple
bytes currently stored within
a page of the Flash array
MAIN MEMORY PAGE PROGRAM
THROUGH BUFFER
(82H, 85H)
BUFFER WRITE
(84H, 87H)
BUFFER TO MAIN
MEMORY PAGE PROGRAM
(83H, 86H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com