전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT45DB081D 데이터시트(PDF) 43 Page - Analog Devices

부품명 AT45DB081D
상세설명  8-megabit 2.5V or 2.7V DataFlash
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AT45DB081D 데이터시트(HTML) 43 Page - Analog Devices

Back Button AT45DB081D_13 Datasheet HTML 39Page - Analog Devices AT45DB081D_13 Datasheet HTML 40Page - Analog Devices AT45DB081D_13 Datasheet HTML 41Page - Analog Devices AT45DB081D_13 Datasheet HTML 42Page - Analog Devices AT45DB081D_13 Datasheet HTML 43Page - Analog Devices AT45DB081D_13 Datasheet HTML 44Page - Analog Devices AT45DB081D_13 Datasheet HTML 45Page - Analog Devices AT45DB081D_13 Datasheet HTML 46Page - Analog Devices AT45DB081D_13 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 53 page
background image
43
3596O–DFLASH–1/2013
AT45DB081D
24.6 Buffer Read (Low Frequency: Opcode D1H or D3H)
24.7 Read Sector Protection Register (Opcode 32H)
24.8 Read Sector Lockdown Register (Opcode 35H)
SCK
CS
SI
SO
MSB
MSB
2
3
1
0
1
1
0
1
0
0
0
1
6
7
5
4
10 11
9
8
12
37 38
33
36
35
34
31 32
29 30
39 40
OPCODE
X
X
X
X
A
A
A
X
X
MSB
MSB
D
D
D
D
D
D
D
D
D
D
DATA BYTE 1
HIGH-IMPEDANCE
ADDRESS BITS
BINARY PAGE SIZE = 16 DON'T CARE + BFA7-BFA0
STANDARD DATAFLASH PAGE SIZE =
15 DON'T CARE + BFA8-BFA0
SCK
CS
SI
SO
MSB
MSB
23
1
0
00110010
67
5
410 11
9
812
37 38
33
36
35
34
31 32
29 30
39 40
OPCODE
XXXX
XXX
XX
MSB
MSB
DDDDDDD
D
D
DON'T CARE
DATA BYTE 1
HIGH-IMPEDANCE
SCK
CS
SI
SO
MSB
MSB
23
1
0
00110101
67
5
410 11
9
812
37 38
33
36
35
34
31 32
29 30
39 40
OPCODE
XXXX
XXX
XX
MSB
MSB
DDDDDDD
D
D
DON'T CARE
DATA BYTE 1
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com