전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

JS28F128J3C120 데이터시트(PDF) 18 Page - Intel Corporation

부품명 JS28F128J3C120
상세설명  Intel StrataFlash짰 Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F128J3C120 데이터시트(HTML) 18 Page - Intel Corporation

Back Button JS28F128J3C120 Datasheet HTML 14Page - Intel Corporation JS28F128J3C120 Datasheet HTML 15Page - Intel Corporation JS28F128J3C120 Datasheet HTML 16Page - Intel Corporation JS28F128J3C120 Datasheet HTML 17Page - Intel Corporation JS28F128J3C120 Datasheet HTML 18Page - Intel Corporation JS28F128J3C120 Datasheet HTML 19Page - Intel Corporation JS28F128J3C120 Datasheet HTML 20Page - Intel Corporation JS28F128J3C120 Datasheet HTML 21Page - Intel Corporation JS28F128J3C120 Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 72 page
background image
28F256J3, 28F128J3, 28F640J3, 28F320J3
18
Datasheet
5.0
Maximum Ratings and Operating Conditions
5.1
Absolute Maximum Ratings
This datasheet contains information on new products in production. The specifications are subject
to change without notice. Verify with your local Intel Sales office that you have the latest datasheet
before finalizing a design. Absolute maximum ratings are shown in Table 4.
Warning:
Stressing the device beyond the “Absolute Maximum Ratings” may cause permanent damage.
These are stress ratings only. Operation beyond the “Operating Conditions” is not recommended
and extended exposure beyond the “Operating Conditions” may affect device reliability.
5.2
Operating Conditions
Table 4.
Absolute Maximum Ratings
Parameter
Maximum Rating
Temperature under Bias Extended
–40 °C to +85 °C
Storage Temperature
–65 °C to +125 °C
Voltage On Any signal
–2.0 V to +5.0 V(1)
Output Short Circuit Current
100 mA
(2)
NOTES:
1. All specified voltages are with respect to GND. Minimum DC voltage is –0.5 V on input/output signals and
–0.2 V on VCC and VPEN signals. During transitions, this level may undershoot to –2.0 V for periods <20
ns. Maximum DC voltage on input/output signals, VCC, and VPEN is VCC +0.5 V which, during transitions,
may overshoot to VCC +2.0 V for periods <20 ns.
2. Output shorted for no more than one second. No more than one output shorted at a time.
Table 5.
Temperature and VCC Operating Conditions
Symbol
Parameter
Min
Max
Unit
Test Condition
TA
Operating Temperature
–40
+85
°C
Ambient Temperature
VCC
VCC1 Supply Voltage (2.7 V−3.6 V)
2.70
3.60
V
—
VCCQ
VCCQ Supply Voltage (2.7 V−3.6 V)
2.70
3.60
V
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com