전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

JS28F128J3C120 데이터시트(PDF) 23 Page - Intel Corporation

부품명 JS28F128J3C120
상세설명  Intel StrataFlash짰 Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F128J3C120 데이터시트(HTML) 23 Page - Intel Corporation

Back Button JS28F128J3C120 Datasheet HTML 19Page - Intel Corporation JS28F128J3C120 Datasheet HTML 20Page - Intel Corporation JS28F128J3C120 Datasheet HTML 21Page - Intel Corporation JS28F128J3C120 Datasheet HTML 22Page - Intel Corporation JS28F128J3C120 Datasheet HTML 23Page - Intel Corporation JS28F128J3C120 Datasheet HTML 24Page - Intel Corporation JS28F128J3C120 Datasheet HTML 25Page - Intel Corporation JS28F128J3C120 Datasheet HTML 26Page - Intel Corporation JS28F128J3C120 Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 72 page
background image
28F256J3, 28F128J3, 28F640J3, 28F320J3
Datasheet
23
R12
tFLQV/
tFHQV
BYTE# to Output Delay
1000
1000
1000
1000
1000
1,2
R13
tFLQZ
BYTE# to Output in High Z
1000
1000
1000
1000
1000
1,2,5
R14
tEHEL
CEx High to CEx Low
0
0
0
0
0
1,2,5
R15
tAPA
Page Address Access Time
25
25
25
30
25
5, 6
R16
tGLQV
OE# to Array Output Delay
25
25
25
25
25
4
NOTES:
CEX low is defined as the first edge of CE0, CE1, or CE2 that enables the device. CEX high is
defined at the first edge of CE0, CE1, or CE2 that disables the device (see Table 13).
1. See AC Input/Output Reference Waveforms for the maximum allowable input slew
rate.
2. OE# may be delayed up to tELQV-tGLQV after the first edge of CE0, CE1, or CE2 that
enables the device (see Table 13) without impact on tELQV.
3. See Figure 15, “Transient Input/Output Reference Waveform for VCCQ = 2.7 V–3.6
V” on page 29 and Figure 16, “Transient Equivalent Testing Load Circuit” on
page 30 for testing characteristics.
4. When reading the flash array a faster tGLQV (R16) applies. Non-array reads refer to
Status Register reads, query reads, or device identifier reads.
5. Sampled, not 100% tested.
6. For devices configured to standard word/byte read mode, R15 (tAPA) will equal R2
(tAVQV).
Figure 9. Single Word Asynchronous Read Waveform
Table 8.
Read Operations (Sheet 2 of 2)
Asynchronous
Specifications
(All units in ns unless
otherwise noted)
VCC = 2.7 V–3.6 V
(3)
VCCQ = 2.7 V–3.6 V
(3)
Notes
Speed
Bin
-110
-115
-120
-125
-150
#
Sym
Parameter
Density
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
R11
R5
R12
R13
R10
R4
R16
R7
R6
R9
R8
R3
R1
R2
R1
Address [A]
CEx [E]
OE# [G]
WE# [W]
Data [D/Q]
BYT E#[F]
RP# [P]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com