전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

JS28F128J3C120 데이터시트(PDF) 46 Page - Intel Corporation

부품명 JS28F128J3C120
상세설명  Intel StrataFlash짰 Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F128J3C120 데이터시트(HTML) 46 Page - Intel Corporation

Back Button JS28F128J3C120 Datasheet HTML 42Page - Intel Corporation JS28F128J3C120 Datasheet HTML 43Page - Intel Corporation JS28F128J3C120 Datasheet HTML 44Page - Intel Corporation JS28F128J3C120 Datasheet HTML 45Page - Intel Corporation JS28F128J3C120 Datasheet HTML 46Page - Intel Corporation JS28F128J3C120 Datasheet HTML 47Page - Intel Corporation JS28F128J3C120 Datasheet HTML 48Page - Intel Corporation JS28F128J3C120 Datasheet HTML 49Page - Intel Corporation JS28F128J3C120 Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 72 page
background image
28F256J3, 28F128J3, 28F640J3, 28F320J3
46
Datasheet
13.0
Security Modes
This device offers both hardware and software security features. Block lock operations, PRs, and
VPEN allow the user to implement various levels of data protection. The following section
describes security features in detail.
Other security features are available that are not described in this datasheet. Please contact your
local Intel Field Representative for more information.
13.1
Set Block Lock-Bit
A flexible block locking scheme is enabled via block lock-bits. The block lock-bits gate program
and erase operations. Individual block lock-bits can be set using the Set Block Lock-Bit command.
This command is invalid while the WSM is running or the device is suspended.
Set block lock-bit commands are executed by a two-cycle sequence. The set block setup along with
appropriate block address is followed by either the set block lock-bit confirm (and an address
within the block to be locked). The WSM then controls the set lock-bit algorithm. After the
sequence is written, the device automatically outputs Status Register data when read (see Figure 24
on page 65). The CPU can detect the completion of the set lock-bit event by analyzing the STS
signal output or SR.7.
When the set lock-bit operation is complete, SR.4 should be checked. If an error is detected, the
Status Register should be cleared. The CUI will remain in Read Status Register mode until a new
command is issued.
This two-step sequence of setup followed by execution ensures that lock-bits are not accidentally
set. An invalid Set Block Lock-Bit command will result in SR.4 and SR.5 being set. Also, reliable
operations occur only when VCC and VPEN are valid. With VPEN ≤ VPENLK, lock-bit contents are
protected against alteration.
13.2
Clear Block Lock-Bits
All set block lock-bits are cleared in parallel via the Clear Block Lock-Bits command. Block lock-
bits can be cleared using only the Clear Block Lock-Bits command. This command is invalid while
the WSM is running or the device is suspended.
Clear block lock-bits command is executed by a two-cycle sequence. A clear block lock-bits setup
is first written. The device automatically outputs Status Register data when read (see Figure 25 on
page 66). The CPU can detect completion of the clear block lock-bits event by analyzing the STS
signal output or SR.7.
When the operation is complete, SR.5 should be checked. If a clear block lock-bit error is detected,
the Status Register should be cleared. The CUI will remain in Read Status Register mode until
another command is issued.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com