전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

JS28F128J3C120 데이터시트(PDF) 42 Page - Intel Corporation

부품명 JS28F128J3C120
상세설명  Intel StrataFlash짰 Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F128J3C120 데이터시트(HTML) 42 Page - Intel Corporation

Back Button JS28F128J3C120 Datasheet HTML 38Page - Intel Corporation JS28F128J3C120 Datasheet HTML 39Page - Intel Corporation JS28F128J3C120 Datasheet HTML 40Page - Intel Corporation JS28F128J3C120 Datasheet HTML 41Page - Intel Corporation JS28F128J3C120 Datasheet HTML 42Page - Intel Corporation JS28F128J3C120 Datasheet HTML 43Page - Intel Corporation JS28F128J3C120 Datasheet HTML 44Page - Intel Corporation JS28F128J3C120 Datasheet HTML 45Page - Intel Corporation JS28F128J3C120 Datasheet HTML 46Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 72 page
background image
28F256J3, 28F128J3, 28F640J3, 28F320J3
42
Datasheet
11.0
Programming Operations
The device supports two different programming methods: word programming, and write-buffer
programming. Successful programming requires the addressed block to be unlocked. An attempt to
program a locked block will result in the operation aborting, and SR.1 and SR.4 being set,
indicating a programming error. The following sections describe device programming in detail.
11.1
Byte/Word Program
Byte/Word program is executed by a two-cycle command sequence. Byte/Word program setup
(standard 0x40 or alternate 0x10) is written followed by a second write that specifies the address
and data (latched on the rising edge of WE#). The WSM then takes over, controlling the program
and program verify algorithms internally. After the program sequence is written, the device
automatically outputs SRD when read (see Figure 20, “Byte/Word Program Flowchart” on
page 61). The CPU can detect the completion of the program event by analyzing the STS signal or
SR.7.
When program is complete, SR.4 should be checked. If a program error is detected, the Status
Register should be cleared. The internal WSM verify only detects errors for “1”s that do not
successfully program to “0”s. The CUI remains in Read Status Register mode until it receives
another command.
Reliable byte/word programming can only occur when VCC and VPEN are valid. If a byte/word
program is attempted while VPEN ≤ VPENLK, SR.4 and SR.3 will be set. Successful byte/word
programs require that the corresponding block lock-bit be cleared. If a byte/word program is
attempted when the corresponding block lock-bit is set, SR.1 and SR.4 will be set.
11.2
Write to Buffer
To program the flash device, a Write to Buffer command sequence is initiated. A variable number
of bytes, up to the buffer size, can be loaded into the buffer and written to the flash device. First, the
Write to Buffer Setup command is issued along with the Block Address (see Figure 18, “Write to
Buffer Flowchart” on page 59). At this point, the eXtended Status Register (XSR, see Table 19)
information is loaded and XSR.7 reverts to “buffer available” status. If XSR.7 = 0, the write buffer
is not available. To retry, continue monitoring XSR.7 by issuing the Write to Buffer setup
command with the Block Address until XSR.7 = 1. When XSR.7 transitions to a “1,” the buffer is
ready for loading.
Next, a word/byte count is given to the part with the Block Address. On the next write, a device
start address is given along with the write buffer data. Subsequent writes provide additional device
addresses and data, depending on the count. All subsequent addresses must lie within the start
address plus the count.
Internally, this device programs many flash cells in parallel. Because of this parallel programming,
maximum programming performance and lower power are obtained by aligning the start address at
the beginning of a write buffer boundary (i.e., A[4:0] of the start address = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com