전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

JS28F128J3C120 데이터시트(PDF) 57 Page - Intel Corporation

부품명 JS28F128J3C120
상세설명  Intel StrataFlash짰 Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F128J3C120 데이터시트(HTML) 57 Page - Intel Corporation

Back Button JS28F128J3C120 Datasheet HTML 53Page - Intel Corporation JS28F128J3C120 Datasheet HTML 54Page - Intel Corporation JS28F128J3C120 Datasheet HTML 55Page - Intel Corporation JS28F128J3C120 Datasheet HTML 56Page - Intel Corporation JS28F128J3C120 Datasheet HTML 57Page - Intel Corporation JS28F128J3C120 Datasheet HTML 58Page - Intel Corporation JS28F128J3C120 Datasheet HTML 59Page - Intel Corporation JS28F128J3C120 Datasheet HTML 60Page - Intel Corporation JS28F128J3C120 Datasheet HTML 61Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 72 page
background image
28F256J3, 28F128J3, 28F640J3, 28F320J3
Datasheet
57
(P+5)h
(P+6)h
(P+7)h
(P+8)h
4
Optional feature and command support (1=yes, 0=no)
36:
--0A
bits 9–31 are reserved; undefined bits are “0.” If bit 31 is
37:
--00
“1” then another 31 bit field of optional features follows at
38:
--00
the end of the bit-30 field.
39:
--00
bit 0 Chip erase supported
bit 0 = 0
No
bit 1 Suspend erase supported
bit 1 = 1
Yes
bit 2 Suspend program supported
bit 2 = 1
Yes
bit 3 Legacy lock/unlock supported
bit 3 = 1
(1)
Yes
(1)
bit 4 Queued erase supported
bit 4 = 0
No
bit 5 Instant Individual block locking supported
bit 5 = 0
No
bit 6 Protection bits supported
bit 6 = 1
Yes
bit 7 Page-mode read supported
bit 7 = 1
Yes
bit 8 Synchronous read supported
bit 8 = 0
No
(P+9)h
1
Supported functions after suspend: read Array, Status,
Query
Other supported operations are:
bits 1–7 reserved; undefined bits are “0”
3A:
--01
bit 0 Program supported after erase suspend
bit 0 = 1
Yes
(P+A)h
(P+B)h
2
Block status register mask
3B:
--01
bits 2–15 are Reserved; undefined bits are “0”
3C:
--00
bit 0 Block Lock-Bit Status register active
bit 0 = 1
Yes
bit 1 Block Lock-Down Bit Status active
bit 1 = 0
No
(P+C)h
1
VCC logic supply highest performance program/erase
voltage
bits 0–3 BCD value in 100 mV
bits 4–7 BCD value in volts
3D:
--33
3.3 V
(P+D)h
1
VPP optimum program/erase supply voltage
bits 0–3 BCD value in 100 mV
bits 4–7 HEX value in volts
3E:
--00
0.0 V
NOTE:
1. Future devices may not support the described “Legacy Lock/Unlock” function. Thus bit 3 would have a
value of “0.”
Table 30. Primary Vendor-Specific Extended Query (Sheet 2 of 2)
Offset
(1)
P = 31h
Length
Description
(Optional Flash Features and Commands)
Add.
Hex
Code
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com