전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16LC712 데이터시트(PDF) 55 Page - Microchip Technology

부품명 PIC16LC712
상세설명  8-Bit CMOS Microcontrollers with A/D Converter and Capture/Compare/PWM
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC712 데이터시트(HTML) 55 Page - Microchip Technology

Back Button PIC16LC712 Datasheet HTML 51Page - Microchip Technology PIC16LC712 Datasheet HTML 52Page - Microchip Technology PIC16LC712 Datasheet HTML 53Page - Microchip Technology PIC16LC712 Datasheet HTML 54Page - Microchip Technology PIC16LC712 Datasheet HTML 55Page - Microchip Technology PIC16LC712 Datasheet HTML 56Page - Microchip Technology PIC16LC712 Datasheet HTML 57Page - Microchip Technology PIC16LC712 Datasheet HTML 58Page - Microchip Technology PIC16LC712 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 106 page
background image
 1999-2013 Microchip Technology Inc.
DS41106C-page 55
PIC16C712/716
9.4
Power-On Reset (POR)
A Power-on Reset pulse is generated on-chip when
VDD rise is detected (to a level of 1.5V-2.1V). To take
advantage of the POR, just tie the MCLR pin directly (or
through a resistor) to VDD. This will eliminate external
RC components usually needed to create a Power-on
Reset. A maximum rise time for VDD is specified
(parameter D004). For a slow rise time, see Figure 9-5.
When the device starts normal operation (exits the
Reset condition), device operating parameters (volt-
age, frequency, temperature,...) must be met to ensure
operation. If these conditions are not met, the device
must be held in Reset until the operating conditions are
met. Brown-out Reset may be used to meet the start-
up conditions.
FIGURE 9-5:
EXTERNAL POWER-ON
RESET CIRCUIT (FOR
SLOW VDD POWER-UP)
9.5
Power-up Timer (PWRT)
The Power-up Timer provides a fixed nominal time-out
(parameter #33), on power-up only, from the POR. The
Power-up Timer operates on an internal RC oscillator.
The chip is kept in Reset as long as the PWRT is active.
The PWRT’s time delay allows VDD to rise to an
acceptable level. A Configuration bit is provided to
enable/disable the PWRT.
The power-up time delay will vary from chip to chip due
to VDD, temperature, and process variation. See DC
parameters for details.
9.6
Oscillator Start-up Timer (OST)
The Oscillator Start-up Timer (OST) provides a 1024
oscillator cycle (from OSC1 input) delay after the
PWRT delay is over (parameter #32). This ensures that
the crystal oscillator or resonator has started and
stabilized.
The OST time-out is invoked only for XT, LP and HS
modes and only on Power-on Reset or wake-up from
Sleep.
9.7
Brown-Out Reset (BOR)
The PIC16C712/716 members have on-chip Brown-
out Reset circuitry. A Configuration bit, BODEN, can
disable (if clear/programmed) or enable (if set) the
Brown-out Reset circuitry. If VDD falls below 4.0V, refer
to VBOR parameter D005(VBOR) for a time greater than
parameter (TBOR) in Table 12-6. The brown-out situa-
tion will reset the chip. A Reset is not guaranteed to
occur if VDD falls below 4.0V for less than parameter
(TBOR).
On any Reset (Power-on, Brown-out, Watchdog, etc.)
the chip will remain in Reset until VDD rises above
VBOR. The Power-up Timer will now be invoked and will
keep the chip in Reset an additional 72 ms.
If VDD drops below VBOR while the Power-up Timer is
running, the chip will go back into a Brown-out Reset
and the Power-up Timer will be re-initialized. Once VDD
rises above VBOR, the Power-Up Timer will execute a
72 ms Reset. The Power-up Timer should always be
enabled when Brown-out Reset is enabled. Figure 9-7
shows typical Brown-out situations.
For operations where the desired brown-out voltage is
other than 4V, an external brown-out circuit must be
used. Figure 9-8, 9-9 and 9-10 show examples of
external brown-out protection circuits.
Note 1: External Power-on Reset circuit is
required only if VDD power-up slope is too
slow. The diode D helps discharge the
capacitor quickly when VDD powers down.
2: R < 40 k
 is recommended to make sure
that voltage drop across R does not violate
the device’s electrical specification.
3: R1 = 100
 to 1 k will limit any current
flowing into MCLR from external capacitor
C in the event of MCLR/VPP pin break-
down due to Electrostatic Discharge
(ESD) or Electrical Overstress (EOS).
C
R1
R
VDD
MCLR
PIC16C7XX
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com