| 전자부품 데이터시트 검색엔진 |
|
PIC16LC712 데이터시트(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16LC712 데이터시트(HTML) 6 Page - Microchip Technology |
|
6 / 106 page ![]() PIC16C712/716 DS41106C-page 6 1999-2013 Microchip Technology Inc. TABLE 1-1: PIC16C712/716 PINOUT DESCRIPTION Pin PIC16C712/716 Pin Buffer Name DIP, SOIC SSOP Type Type Description MCLR/VPP MCLR VPP 44 I P ST Master clear (Reset) input. This pin is an active low Reset to the device. Programming voltage input OSC1/CLKIN OSC1 CLKIN 16 18 I I ST CMOS Oscillator crystal input or external clock source input. ST buffer when config- ured in RC mode. CMOS otherwise. External clock source input. OSC2/CLKOUT OSC2 CLKOUT 15 17 O O — — Oscillator crystal output. Connects to crystal or resonator in crystal oscillator mode. In RC mode, OSC2 pin outputs CLKOUT which has 1/4 the frequency of OSC1, and denotes the instruction cycle rate. PORTA is a bidirectional I/O port. RA0/AN0 RA0 AN0 17 19 I/O I TTL Analog Digital I/O Analog input 0 RA1/AN1 RA1 AN1 18 20 I/O I TTL Analog Digital I/O Analog input 1 RA2/AN2 RA2 AN2 11 I/O I TTL Analog Digital I/O Analog input 2 RA3/AN3/VREF RA3 AN3 VREF 22 I/O I I TTL Analog Analog Digital I/O Analog input 3 A/D Reference Voltage input. RA4/T0CKI RA4 T0CKI 33 I/O I ST/OD ST Digital I/O. Open drain when configured as output. Timer0 external clock input Legend: TTL = TTL-compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels OD = Open drain output SM = SMBus compatible input. An external resistor is required if this pin is used as an output NPU = N-channel pull-up PU = Weak internal pull-up No-P diode = No P-diode to VDD AN = Analog input or output I = input O = output P = Power L = LCD Driver |