전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16LC712 데이터시트(PDF) 77 Page - Microchip Technology

부품명 PIC16LC712
상세설명  8-Bit CMOS Microcontrollers with A/D Converter and Capture/Compare/PWM
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC712 데이터시트(HTML) 77 Page - Microchip Technology

Back Button PIC16LC712 Datasheet HTML 73Page - Microchip Technology PIC16LC712 Datasheet HTML 74Page - Microchip Technology PIC16LC712 Datasheet HTML 75Page - Microchip Technology PIC16LC712 Datasheet HTML 76Page - Microchip Technology PIC16LC712 Datasheet HTML 77Page - Microchip Technology PIC16LC712 Datasheet HTML 78Page - Microchip Technology PIC16LC712 Datasheet HTML 79Page - Microchip Technology PIC16LC712 Datasheet HTML 80Page - Microchip Technology PIC16LC712 Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 106 page
background image
 1999-2013 Microchip Technology Inc.
DS41106C-page 77
PIC16C712/716
12.3
DC Characteristics: PIC16C712/716-04 (Commercial, Industrial, Extended)
PIC16C712716-20 (Commercial, Industrial, Extended)
PIC16LC712/716-04 (Commercial, Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
0°C
 TA
+70°C
for commercial
-40°C
 TA
+85°C
for industrial
-40°C
 TA  +125°C for extended
Operating voltage VDD range as described in DC spec Section 12.1
“DC Characteristics: PIC16C712/716-04 (Commercial, Industrial,
Extended) PIC16C712/716-20 (Commercial, Industrial,
Extended)” and Section 12.2 “DC Characteristics: PIC16LC712/
716-04 (Commercial, Industrial)”
Param
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
Input Low Voltage
VIL
I/O ports
D030
D030A
with TTL buffer
VSS
VSS
—
—
0.8V
0.15VDD
V
V
4.5V
 VDD  5.5V
otherwise
D031
with Schmitt Trigger buffer
VSS
—
0.2VDD
V
D032
MCLR, OSC1 (in RC mode)
Vss
—
0.2VDD
V
D033
OSC1 (in XT, HS and LP
modes)
Vss
—
0.3VDD
V
(Note 1)
Input High Voltage
VIH
I/O ports
—
D040
with TTL buffer
2.0
—
VDD
V
4.5V
 VDD  5.5V
D040A
0.25VDD
+ 0.8V
—
VDD
Votherwise
D041
with Schmitt Trigger buffer
0.8VDD
—
VDD
V
For entire VDD range
D042
MCLR
0.8VDD
—
VDD
V
D042A
OSC1 (XT, HS and LP modes)
0.7VDD
—
VDD
V
(Note 1)
D043
OSC1 (in RC mode)
0.9VDD
—
VDD
V
Input Leakage Current
(Notes 2, 3)
D060
IIL
I/O ports
——
1
AVss VPIN VDD,
Pin at high-impedance
D061
MCLR, RA4/T0CKI
——
5
AVss VPIN VDD
D063
OSC1
——
5
AVss VPIN VDD,
XT, HS and LP osc modes
D070
IPURB
PORTB weak pull-up current
50
250
400
A VDD = 5V, VPIN = VSS
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25
C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: In RC Oscillator mode, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that the PIC
MCU be driven with external clock in RC mode.
2: The leakage current on the MCLR/VPP pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input
voltages.
3: Negative current is defined as current sourced by the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com