전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCMXO2-1200ZE-2TG144C 데이터시트(PDF) 34 Page - Lattice Semiconductor

부품명 LCMXO2-1200ZE-2TG144C
상세설명  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LATTICE [Lattice Semiconductor]
홈페이지  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-1200ZE-2TG144C 데이터시트(HTML) 34 Page - Lattice Semiconductor

Back Button LCMXO2-1200ZE-2TG144C Datasheet HTML 30Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 31Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 32Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 33Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 34Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 35Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 36Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 37Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 38Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 106 page
background image
2-30
Architecture
MachXO2 Family Data Sheet
There are some limitations on the use of the hardened user SPI. These are defined in the following technical notes:
• TN1087, Minimizing System Interruption During Configuration Using TransFR Technology (Appendix B)
• TN1205, Using User Flash Memory and Hardened Control Functions in MachXO2 Devices
Figure 2-22. SPI Core Block Diagram
Table 2-16 describes the signals interfacing with the SPI cores.
Table 2-16. SPI Core Signal Description
Hardened Timer/Counter
MachXO2 devices provide a hard Timer/Counter IP core. This Timer/Counter is a general purpose, bi-directional,
16-bit timer/counter module with independent output compare units and PWM support. The Timer/Counter sup-
ports the following functions:
Signal Name
I/O
Master/Slave
Description
spi_csn[0]
O
Master
SPI master chip-select output
spi_csn[1..7]
O
Master
Additional SPI chip-select outputs (total up to eight slaves)
spi_scsn
I
Slave
SPI slave chip-select input
spi_irq
O
Master/Slave
Interrupt request
spi_clk
I/O
Master/Slave
SPI clock. Output in master mode. Input in slave mode.
spi_miso
I/O
Master/Slave
SPI data. Input in master mode. Output in slave mode.
spi_mosi
I/O
Master/Slave
SPI data. Output in master mode. Input in slave mode.
ufm_sn
I
Slave
Configuration Slave Chip Select (active low), dedicated for selecting the
User Flash Memory (UFM).
cfg_stdby
O
Master/Slave
Stand-by signal – To be connected only to the power module of the MachXO2
device. The signal is enabled only if the “Wakeup Enable” feature has been
set within the EFB GUI, SPI Tab.
cfg_wake
O
Master/Slave
Wake-up signal – To be connected only to the power module of the MachXO2
device. The signal is enabled only if the “Wakeup Enable” feature has been
set within the EFB GUI, SPI Tab.
EFB
SPI Function
Core
Logic/
Routing
EFB
WISHBONE
Interface
SPI
Registers
Control
Logic
Configuration
Logic
MISO
MOSI
SCK
MCSN
SCSN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com