전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCMXO2-1200ZE-2TG144C 데이터시트(PDF) 76 Page - Lattice Semiconductor

부품명 LCMXO2-1200ZE-2TG144C
상세설명  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LATTICE [Lattice Semiconductor]
홈페이지  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-1200ZE-2TG144C 데이터시트(HTML) 76 Page - Lattice Semiconductor

Back Button LCMXO2-1200ZE-2TG144C Datasheet HTML 72Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 73Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 74Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 75Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 76Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 77Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 78Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 79Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 80Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 106 page
background image
3-37
DC and Switching Characteristics
MachXO2 Family Data Sheet
Switching Test Conditions
Figure 3-13 shows the output test load used for AC testing. The specific values for resistance, capacitance, volt-
age, and other test conditions are shown in Table 3-5.
Figure 3-13. Output Test Load, LVTTL and LVCMOS Standards
Table 3-5. Test Fixture Required Components, Non-Terminated Interfaces
Note: Output test conditions for all other interfaces are determined by the respective standards.
Test Condition
R1
CL
Timing Ref.
VT
LVTTL and LVCMOS settings (L -> H, H -> L)
0pF
LVTTL, LVCMOS 3.3 = 1.5V
—
LVCMOS 2.5 = VCCIO/2
—
LVCMOS 1.8 = VCCIO/2
—
LVCMOS 1.5 = VCCIO/2
—
LVCMOS 1.2 = VCCIO/2
—
LVTTL and LVCMOS 3.3 (Z -> H)
188
0pF
1.5
VOL
LVTTL and LVCMOS 3.3 (Z -> L)
1.5
VOH
Other LVCMOS (Z -> H)
VCCIO/2
VOL
Other LVCMOS (Z -> L)
VCCIO/2
VOH
LVTTL + LVCMOS (H -> Z)
VOH - 0.15
VOL
LVTTL + LVCMOS (L -> Z)
VOL - 0.15
VOH
DUT
VT
R1
CL
Test Poi nt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com