전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCMXO2-1200ZE-2TG144C 데이터시트(PDF) 86 Page - Lattice Semiconductor

부품명 LCMXO2-1200ZE-2TG144C
상세설명  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LATTICE [Lattice Semiconductor]
홈페이지  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-1200ZE-2TG144C 데이터시트(HTML) 86 Page - Lattice Semiconductor

Back Button LCMXO2-1200ZE-2TG144C Datasheet HTML 82Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 83Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 84Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 85Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 86Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 87Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 88Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 89Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 90Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 106 page
background image
5-2
Ordering Information
MachXO2 Family Data Sheet
Ultra Low Power Commercial Grade Devices, Halogen Free (RoHS) Packaging
Part Number
LUTs
Supply Voltage
Grade
Package
Leads
Temp.
LCMXO2-256ZE-1SG32C
256
1.2V
-1
Halogen-Free QFN
32
COM
LCMXO2-256ZE-2SG32C
256
1.2V
-2
Halogen-Free QFN
32
COM
LCMXO2-256ZE-3SG32C
256
1.2V
-3
Halogen-Free QFN
32
COM
LCMXO2-256ZE-1UMG64C
256
1.2V
-1
Halogen-Free ucBGA
64
COM
LCMXO2-256ZE-2UMG64C
256
1.2V
-2
Halogen-Free ucBGA
64
COM
LCMXO2-256ZE-3UMG64C
256
1.2V
-3
Halogen-Free ucBGA
64
COM
LCMXO2-256ZE-1TG100C
256
1.2V
-1
Halogen-Free TQFP
100
COM
LCMXO2-256ZE-2TG100C
256
1.2V
-2
Halogen-Free TQFP
100
COM
LCMXO2-256ZE-3TG100C
256
1.2V
-3
Halogen-Free TQFP
100
COM
LCMXO2-256ZE-1MG132C
256
1.2V
-1
Halogen-Free csBGA
132
COM
LCMXO2-256ZE-2MG132C
256
1.2V
-2
Halogen-Free csBGA
132
COM
LCMXO2-256ZE-3MG132C
256
1.2V
-3
Halogen-Free csBGA
132
COM
Part Number
LUTs
Supply Voltage
Grade
Package
Leads
Temp.
LCMXO2-640ZE-1TG100C
640
1.2V
-1
Halogen-Free TQFP
100
COM
LCMXO2-640ZE-2TG100C
640
1.2V
-2
Halogen-Free TQFP
100
COM
LCMXO2-640ZE-3TG100C
640
1.2V
-3
Halogen-Free TQFP
100
COM
LCMXO2-640ZE-1MG132C
640
1.2V
-1
Halogen-Free csBGA
132
COM
LCMXO2-640ZE-2MG132C
640
1.2V
-2
Halogen-Free csBGA
132
COM
LCMXO2-640ZE-3MG132C
640
1.2V
-3
Halogen-Free csBGA
132
COM
Part Number
LUTs
Supply Voltage
Grade
Package
Leads
Temp.
LCMXO2-1200ZE-1TG100C
1280
1.2V
-1
Halogen-Free TQFP
100
COM
LCMXO2-1200ZE-2TG100C
1280
1.2V
-2
Halogen-Free TQFP
100
COM
LCMXO2-1200ZE-3TG100C
1280
1.2V
-3
Halogen-Free TQFP
100
COM
LCMXO2-1200ZE-1MG132C
1280
1.2V
-1
Halogen-Free csBGA
132
COM
LCMXO2-1200ZE-2MG132C
1280
1.2V
-2
Halogen-Free csBGA
132
COM
LCMXO2-1200ZE-3MG132C
1280
1.2V
-3
Halogen-Free csBGA
132
COM
LCMXO2-1200ZE-1TG144C
1280
1.2V
-1
Halogen-Free TQFP
144
COM
LCMXO2-1200ZE-2TG144C
1280
1.2V
-2
Halogen-Free TQFP
144
COM
LCMXO2-1200ZE-3TG144C
1280
1.2V
-3
Halogen-Free TQFP
144
COM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com