전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCMXO2-1200ZE-2TG144C 데이터시트(PDF) 54 Page - Lattice Semiconductor

부품명 LCMXO2-1200ZE-2TG144C
상세설명  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LATTICE [Lattice Semiconductor]
홈페이지  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-1200ZE-2TG144C 데이터시트(HTML) 54 Page - Lattice Semiconductor

Back Button LCMXO2-1200ZE-2TG144C Datasheet HTML 50Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 51Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 52Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 53Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 54Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 55Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 56Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 57Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 58Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 106 page
background image
3-15
DC and Switching Characteristics
MachXO2 Family Data Sheet
Typical Building Block Function Performance – ZE Devices
1
Pin-to-Pin Performance (LVCMOS25 12mA Drive)
Register-to-Register Performance
Derating Logic Timing
Logic timing provided in the following sections of the data sheet and the Lattice design tools are worst case num-
bers in the operating range. Actual delays may be much faster. Lattice design tools can provide logic timing num-
bers at a particular temperature and voltage.
Function
-3 Timing
Units
Basic Functions
16-bit decoder
13.9
ns
4:1 MUX
10.9
ns
16:1 MUX
12.0
ns
Function
-3 Timing
Units
Basic Functions
16:1 MUX
191
MHz
16-bit adder
134
MHz
16-bit counter
148
MHz
64-bit counter
77
MHz
Embedded Memory Functions
1024x9 True-Dual Port RAM
(Write Through or Normal, EBR output registers)
90
MHz
Distributed Memory Functions
16x4 Pseudo-Dual Port RAM (one PFU)
214
MHz
1. The above timing numbers are generated using the Diamond design tool. Exact performance may vary
with device and tool version. The tool uses internal parameters that have been characterized but are not
tested on every device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com