전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCMXO2-1200ZE-2TG144C 데이터시트(PDF) 61 Page - Lattice Semiconductor

부품명 LCMXO2-1200ZE-2TG144C
상세설명  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LATTICE [Lattice Semiconductor]
홈페이지  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-1200ZE-2TG144C 데이터시트(HTML) 61 Page - Lattice Semiconductor

Back Button LCMXO2-1200ZE-2TG144C Datasheet HTML 57Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 58Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 59Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 60Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 61Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 62Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 63Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 64Page - Lattice Semiconductor LCMXO2-1200ZE-2TG144C Datasheet HTML 65Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 106 page
background image
3-22
DC and Switching Characteristics
MachXO2 Family Data Sheet
LPDDR
9
tDVADQ
Input Data Valid After DQS
Input
MachXO2-1200/U and
larger devices, right
side only.
—
0.369
—
0.395
—
0.421
UI
tDVEDQ
Input Data Hold After DQS
Input
0.529
—
0.530
—
0.527
—
UI
tDQVBS
Output Data Invalid Before
DQS Output
0.25
—
0.25
—
0.25
—
UI
tDQVAS
Output Data Invalid After DQS
Output
0.25
—
0.25
—
0.25
—
UI
fDATA
MEM LPDDR Serial Data
Speed
—
280
—
250
—
208
Mbps
fSCLK
SCLK Frequency
—
140
—
125
—
104
MHz
fLPDDR
LPDDR Data Transfer Rate
0
280
0
250
0
208
Mbps
DDR
9
tDVADQ
Input Data Valid After DQS
Input
MachXO2-1200/U and
larger devices, right
side only.
—
0.350
—
0.387
—
0.414
UI
tDVEDQ
Input Data Hold After DQS
Input
0.545
—
0.538
—
0.532
—
UI
tDQVBS
Output Data Invalid Before
DQS Output
0.25
—
0.25
—
0.25
—
UI
tDQVAS
Output Data Invalid After DQS
Output
0.25
—
0.25
—
0.25
—
UI
fDATA
MEM DDR Serial Data Speed
—
300
—
250
—
208
Mbps
fSCLK
SCLK Frequency
—
150
—
125
—
104
MHz
fMEM_DDR
MEM DDR Data Transfer Rate
N/A
300
N/A
250
N/A
208
Mbps
DDR2
9
tDVADQ
Input Data Valid After DQS
Input
MachXO2-1200/U and
larger devices, right
side only.
—
0.360
—
0.378
—
0.406
UI
tDVEDQ
Input Data Hold After DQS
Input
0.555
—
0.549
—
0.542
—
UI
tDQVBS
Output Data Invalid Before
DQS Output
0.25
—
0.25
—
0.25
—
UI
tDQVAS
Output Data Invalid After DQS
Output
0.25
—
0.25
—
0.25
—
UI
fDATA
MEM DDR Serial Data Speed
—
300
—
250
—
208
Mbps
fSCLK
SCLK Frequency
—
150
—
125
—
104
MHz
fMEM_DDR2
MEM DDR2 Data Transfer
Rate
N/A
300
N/A
250
N/A
208
Mbps
1.
Exact performance may vary with device and design implementation. Commercial timing numbers are shown at 85°C and 1.14V. Other
operating conditions, including industrial, can be extracted from the Diamond software.
2.
General I/O timing numbers based on LVCMOS 2.5, 8mA, 0pf load.
3.
Generic DDR timing numbers based on LVDS I/O (for input, output, and clock ports).
4.
DDR timing numbers based on SSTL25. DDR2 timing numbers based on SSTL18. LPDDR timing numbers based in LVCMOS18.
5.
7:1 LVDS (GDDR71) uses the LVDS I/O standard (for input, output, and clock ports).
6.
For Generic DDRX1 mode tSU = tHO = (tDVE - tDVA - 0.03ns)/2.
7.
The tSU_DEL and tH_DEL values use the SCLK_ZERHOLD default step size. Each step is 105ps (-6), 113ps (-5), 120ps (-4).
8.
This number for general purpose usage. Duty cycle tolerance is +/-10%.
9.
Duty cycle is +/- 5% for system usage.
10. The above timing numbers are generated using the Diamond design tool. Exact performance may vary with the device selected.
Parameter
Description
Device
-6
-5
-4
Units
Min.
Max.
Min.
Max.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com