| 전자부품 데이터시트 검색엔진 |
|
STM32F051K6 데이터시트(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F051K6 데이터시트(HTML) 64 Page - STMicroelectronics |
|
64 / 104 page ![]() STM32F051x Electrical characteristics Doc ID 022265 Rev 3 65/105 Table 43. Flash memory characteristics Symbol Parameter Conditions Min Typ Max(1) 1. Guaranteed by design, not tested in production. Unit tprog 16-bit programming time TA = –40 to +105 °C 40 53.5 60 µs tERASE Page (1 KB) erase time TA = –40 to +105 °C 20 - 40 ms tME Mass erase time TA = –40 to +105 °C 20 - 40 ms IDD Supply current Write mode - - 10 mA Erase mode - - 12 mA Vprog Programming voltage 2 - 3.6 V Table 44. Flash memory endurance and data retention Symbol Parameter Conditions Value Unit Min(1) 1. Data based on characterization results, not tested in production. NEND Endurance TA = –40 to +85 °C (6 suffix versions) TA = –40 to +105 °C (7 suffix versions) 10 kcycles tRET Data retention 1 kcycle(2) at TA = 85 °C 2. Cycling performed over the whole temperature range. 30 Years 1 kcycle(2) at TA = 105 °C 10 10 kcycles(2) at TA = 55 °C 20 |